| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC604 Fiches technique(PDF) 7 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC604 Fiches technique(HTML) 7 Page - NXP Semiconductors |
|
7 / 32 page ![]() PowerPC 604 RISC Microprocessor Technical Summary 7 RS(2) Figure 2. Block Diagram—Internal Data Paths 1.2.1 Instruction Flow Several units on the 604 ensure the proper flow of instructions and operands and guarantee the correct update of the architectural machine state. These units include the following • Fetch unit—Using the next sequential address or the address supplied by the BPU when a branch is predicted or resolved, the fetch unit supplies instructions to the eight-word instruction buffer. • Decode/dispatch unit—The decode/dispatch unit decodes instructions and dispatches them to the appropriate execution unit. During dispatch, operands are provided to the execution unit (or reservation station) from the register files, rename buffers, and result buses. • Branch processing unit (BPU)—In addition to providing the fetcher with predicted target instructions when a branch is predicted (and a mispredict recovery address if a branch is incorrectly predicted), the BPU executes all condition register logical and flow control instructions. • Instruction completion unit—The completion unit retires executed instructions in program order and controls the updating of the architectural machine state. 1.2.1.1 Fetch Unit The fetch unit provides instructions to the eight-entry instruction queue by accessing the on-chip instruction cache. Typically, the fetch unit continues fetching sequentially as many as four instructions at a time. RS(2) RS(2) RS(2) Fetch Unit branch (Four-instruction Dispatch Unit RS(2) BPU 16-Kbyte data cache 4-way, 8 words/block Completion Unit instruction dispatch buses result status buses correction FPR operand buses FPR result buses GPR operand buses GPR result buses LSU MCIU SCIU SCIU FPU Result buses Operand buses dispatch) RS(2) Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com AR CH IVE D B Y F RE ES CA LE SE MI CO ND UC TO R, INC . |