| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC604 Fiches technique(PDF) 30 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC604 Fiches technique(HTML) 30 Page - NXP Semiconductors |
|
30 / 32 page ![]() 30 PowerPC 604 RISC Microprocessor Technical Summary Figure 7. Pipeline Diagram The common pipeline stages are as follows: • Instruction fetch (IF)—During the IF stage, the fetch unit loads the decode queue (DEQ) with instructions from the instruction cache and determines from what address the next instruction should be fetched. • Instruction decode (ID)—During the ID stage, all time-critical decoding is performed on instructions in the dispatch queue (DISQ). The remaining decode operations are performed during the instruction dispatch stage. • Instruction dispatch (DS)—During the dispatch stage, the decoding that is not time-critical is performed on the instructions provided by the previous ID stage. Logic associated with this stage determines when an instruction can be dispatched to the appropriate execution unit. At the end of the DS stage, instructions and their operands are latched into the execution input latches or into the unit’s reservation station. Logic in this stage allocates resources such as the rename registers and reorder buffer entries. • Execute (E)—While the execution stage is viewed as a common stage in the 604 instruction pipeline, the instruction flow is split among the six execution units, some of which consist of multiple pipelines. An instruction may enter the execute stage from either the dispatch stage or the execution unit’s dedicated reservation station. At the end of the execute stage, the execution unit writes the results into the appropriate rename buffer entry and notifies the completion stage that the instruction has finished execution. Fetch (IF) Decode (ID) Dispatch (DS) Complete (C) Writeback (W) (Four-instruction dispatch per clock in any combination) SCIU1 SCIU2 MCIU FPU LSU BPU Execute Stage Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com AR CH IVE D B Y F RE ES CA LE SE MI CO ND UC TO R, INC . |