Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

APR3/D Fiches technique(PDF) 63 Page - NXP Semiconductors

No de pièce APR3/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

APR3/D Fiches technique(HTML) 63 Page - NXP Semiconductors

Back Button APR3/D Datasheet HTML 59Page - NXP Semiconductors APR3/D Datasheet HTML 60Page - NXP Semiconductors APR3/D Datasheet HTML 61Page - NXP Semiconductors APR3/D Datasheet HTML 62Page - NXP Semiconductors APR3/D Datasheet HTML 63Page - NXP Semiconductors APR3/D Datasheet HTML 64Page - NXP Semiconductors APR3/D Datasheet HTML 65Page - NXP Semiconductors APR3/D Datasheet HTML 66Page - NXP Semiconductors APR3/D Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 101 page
background image
DSP56001A
Pin-out and Package Information
MOTOROLA
DSP56001A/D, Rev. 1
3-11
Table 3-3
DSP56001A Signal Identification by Pin Number —PQFP & CQFP
Pin No.
Signal Name
Pin No.
Signal Name
Pin No.
Signal Name
1
HA2/PB10
26
nc
51
nc
2
HA1/PB9
27
RXD/PC0
52
PS
3
nc
28
TXD/PC1
53
A0
4
nc
29
SCLK/PC2
54
A1
5
HA0/PB8
30
nc
55
GNDN
6
HACK/PB14
31
SC0/PC3
56
GNDN
7
nc
32
SCK/PC6
57
A2
8
HEN/PB12
33
GNDQ
58
A3
9
HR/W/PB11
34
GNDQ
59
nc
10
HREQ/PB13
35
VCCQ
60
A4
11
H7/PB7
36
VCCQ
61
A5
12
VCCH
37
SC2/PC5
62
nc
13
VCCH
38
nc
63
VCCN
14
H6/PB6
39
STD/PC8
64
VCCN
15
H5/PB5
40
SC1/PC4
65
A6
16
H4/PB4
41
nc
66
nc
17
nc
42
SRD/PC7
67
A7
18
nc
43
BG/BS
68
A8
19
H3/PB3
44
nc
69
nc
20
H2/PB2
45
BR/WT
70
A9
21
nc
46
WR
71
A10
22
H1/PB1
47
RD
72
nc
23
GNDH
48
X/Y
73
GNDN
24
GNDH
49
DS
74
GNDN
25
H0/PB0
50
nc
75
A11
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More