| Moteur de recherche de fiches techniques de composants électroniques |
|
APR3/D Fiches technique(PDF) 52 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
APR3/D Fiches technique(HTML) 52 Page - NXP Semiconductors |
|
52 / 101 page ![]() 2-34 DSP56001A/D, Rev. 1 MOTOROLA DSP56001A Bus Strobe / Wait Timing Figure 2-25 Synchronous BS / WT Timings Data In Data Out T0 T1 T2 Tw T2 Tw T2 T3 CKOUT A0–A15, PS, DS, X/Y BS WT RD D0–D23 WR D0–D23 140 149 150 152 151 153 143 144 148 147 154 141 142 145 146 T0 Note: During Read-Modify-Write Instructions, the address lines do not change state. However, BS will deassert before asserting again for the write cycle. AA0397 Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |