Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL71840SEHX/SAMPLE Fiches technique(PDF) 21 Page - Renesas Technology Corp

No de pièce ISL71840SEHX/SAMPLE
Description  Radiation Hardened 30V 16-Channel Analog Multiplexer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL71840SEHX/SAMPLE Fiches technique(HTML) 21 Page - Renesas Technology Corp

Back Button ISL71840SEHX/SAMPLE Datasheet HTML 17Page - Renesas Technology Corp ISL71840SEHX/SAMPLE Datasheet HTML 18Page - Renesas Technology Corp ISL71840SEHX/SAMPLE Datasheet HTML 19Page - Renesas Technology Corp ISL71840SEHX/SAMPLE Datasheet HTML 20Page - Renesas Technology Corp ISL71840SEHX/SAMPLE Datasheet HTML 21Page - Renesas Technology Corp ISL71840SEHX/SAMPLE Datasheet HTML 22Page - Renesas Technology Corp ISL71840SEHX/SAMPLE Datasheet HTML 23Page - Renesas Technology Corp ISL71840SEHX/SAMPLE Datasheet HTML 24Page - Renesas Technology Corp ISL71840SEHX/SAMPLE Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
ISL71840SEH
FN8734 Rev.5.01
Page 21 of 27
Oct 24, 2022
FIGURE 66. tENABLE SHIFT vs LDR RADIATION
FIGURE 67. tDISABLE SHIFT vs LDR RADIATION
Post Low Dose Rate Radiation Characteristics (V± = ±15V) Unless otherwise
specified, V± = ±15V, VCM =0, VO = 0V, TA = +25°C. This data is typical mean test data post radiation exposure at a low dose rate of <10mrad(Si)/s. This
data is intended to show typical parameter shifts due to low dose rate radiation. These are not limits, nor are they guaranteed. (Continued)
-10
-5
0
5
10
15
20
0
10
20
30
40
50
60
LOW DOSE RATE RADIATION (krad(Si))
BIASED
GROUNDED
0
50
100
150
200
250
300
0
10
20
30
40
50
60
LOW DOSE RATE RADIATION (krad(Si))
BIASED
GROUNDED
Post Low Dose Rate Radiation Characteristics (V± = ±12V) Unless otherwise
specified, V± = ±12V, VCM =0,VO = 0V, TA = +25°C. This data is typical mean test data post radiation exposure at a low dose rate of <10mrad(Si)/s. This
data is intended to show typical parameter shifts due to low dose rate radiation. These are not limits, nor are they guaranteed.
FIGURE 68. ICC SUPPLY CURRENT SHIFT vs LDR RADIATION
FIGURE 69. IEE SUPPLY CURRENT SHIFT vs LDR RADIATION
FIGURE 70. IREF SUPPLY CURRENT SHIFT vs LDR RADIATION
FIGURE 71. rDS(ON) SHIFT (VIN = V+) vs LDR RADIATION
0
0.2
0.4
0.6
0.8
1.0
1.2
0
10
20
30
40
50
60
LOW DOSE RATE RADIATION (krad(Si))
BIASED
GROUNDED
-1.4
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0
0
10
20
30
40
50
60
LOW DOSE RATE RADIATION (krad(Si))
BIASED
GROUNDED
0
0.5
1.0
1.5
2.0
2.5
0
10
20
30
40
50
60
LOW DOSE RATE RADIATION (krad(Si))
BIASED
GROUNDED
-5
0
5
10
15
20
25
30
35
0
10
20
30
40
50
60
LOW DOSE RATE RADIATION (krad(Si))
BIASED
GROUNDED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com