Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL71840SEHX/SAMPLE Fiches technique(PDF) 8 Page - Renesas Technology Corp

No de pièce ISL71840SEHX/SAMPLE
Description  Radiation Hardened 30V 16-Channel Analog Multiplexer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL71840SEHX/SAMPLE Fiches technique(HTML) 8 Page - Renesas Technology Corp

Back Button ISL71840SEHX/SAMPLE Datasheet HTML 4Page - Renesas Technology Corp ISL71840SEHX/SAMPLE Datasheet HTML 5Page - Renesas Technology Corp ISL71840SEHX/SAMPLE Datasheet HTML 6Page - Renesas Technology Corp ISL71840SEHX/SAMPLE Datasheet HTML 7Page - Renesas Technology Corp ISL71840SEHX/SAMPLE Datasheet HTML 8Page - Renesas Technology Corp ISL71840SEHX/SAMPLE Datasheet HTML 9Page - Renesas Technology Corp ISL71840SEHX/SAMPLE Datasheet HTML 10Page - Renesas Technology Corp ISL71840SEHX/SAMPLE Datasheet HTML 11Page - Renesas Technology Corp ISL71840SEHX/SAMPLE Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
ISL71840SEH
FN8734 Rev.5.01
Page 8 of 27
Oct 24, 2022
Electrical Specifications (±12V) V+ = 12V, V- = -12V, V
AH = 4.0V, VAL = 0.8V, VREF = VEN = 5.0V, TA= +25°C, unless otherwise noted.
Boldface limits apply across the operating temperature range, -55°C to +125°C or across a total ionizing dose of 300krad(Si) with exposure of a high
dose rate of 50 to 300krad(Si)/s or a total ionizing dose of 50krad(Si) with exposure at a low dose rate of <10mrad(Si)/s.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 9)TYP
MAX
(Note 9)UNIT
Analog Input Signal Range
VS
V-
V+
V
Channel ON-Resistance
rON
V± = ±10.8V, ±13.2V
IOUT = -1mA, VIN = +5V, -5V
--
500
Ω
V± = ±10.8V, ±13.2V
IOUT = -1mA, VIN = V+, V-
--
700
Ω
rON Match Between Channels
ΔrON
VIN = +5V, -5V; IOUT = -1mA
-
10
20
Ω
ON-Resistance Flatness
RFLAT(ON)
VIN = +5V, -5V, V± = ±13.2V
-
-
25
Ω
VIN = +5V, -5V, V± = ±10.8V
TA = +25°C, -55°C, +125°C
--
30
Ω
VIN = +5V, -5V, V± = ±10.8V, post radiation
-
-
40
Ω
Quiescent Supply Current
I+
VIN = VA = VEN = 0.8V, V± = ±10.8V, ±13.2V
-
-
350
µA
Quiescent Supply Current
I-
VIN = VA = VEN = 0.8V, V± = ±10.8V, ±13.2V
-350
--
µA
Standby Supply Current
I+
VIN = VA = VEN = 4.0V, V± = ±10.8V, ±13.2V
-
-
350
µA
Standby Supply Current
I-
VIN = VA = VEN = 4.0V, V± = ±10.8V, ±13.2V
-350
--
µA
Supply Current Into VREF
IREF
VREF = 5.5V, VIN = VA = VEN = 0.8V,
V± = ±10.8V, ±13.2V
--
35
µA
DYNAMIC
Transition Time
tALH
Figures 5, 6
-0.5
800
ns
Transition Time
tAHL
Figures 5, 6
-0.5
800
ns
Break-Before-Make Delay
tBBM
Figures 9, 10, TA = -55°C, +25°C, +125°C
5
50
200
ns
Post radiation
-
-
400
ns
Enable Turn-On Time
tENABLE
Figures 7, 8, TA = -55°C, +25°C, +125°C
-
0.5
600
ns
Post radiation
-
-
800
ns
Disable Turn-Off Time
tDISABLE
Figures 7, 8, TA = -55°C, +25°C, +125°C
-
0.5
600
ns
Post radiation
-
-
800
ns
NOTE:
9. Compliance to datasheet limits is assured by one or more methods: production test, characterization, and/or design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com