Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HC705MC4GRS/D Fiches technique(PDF) 117 Page - NXP Semiconductors

No de pièce HC705MC4GRS/D
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705MC4GRS/D Fiches technique(HTML) 117 Page - NXP Semiconductors

Back Button HC705MC4GRS/D Datasheet HTML 113Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 114Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 115Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 116Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 117Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 118Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 119Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 120Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 121Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 180 page
background image
Pulse Width Modulator
Application Examples
General Release Specification
Pulse Width Modulator
10.9.2 Brushless DC Motor Interface
A typical interface for a three-phase brushless DC motor is shown in
Figure 10-18, although many other configurations are possible. The
rotor sensor usually consists of a Hall effect sensor, optical encoder, or
back-EMF detector. The coil current feedback is shown to be linear in
this example, using the on-chip A/D to provide torque data to the MCU.
Other systems may only require a current limit, which could be achieved
with an interrupt pin (which will offer some hysteresis) and an external
amplifier. With some reorganization of the I/O, it is also possible to
configure the device to drive two brushless motors simultaneously.
However, this will double the load on the processor. Depending upon the
complexity of the control algorithms adopted, and considering that the
commutation must be performed with software, care must be taken to
maintain commutation delays to within acceptable limits. The
commutation would follow the sequence shown in Table 10-5.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More