| Moteur de recherche de fiches techniques de composants électroniques |
|
HC705MC4GRS/D Fiches technique(PDF) 30 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705MC4GRS/D Fiches technique(HTML) 30 Page - NXP Semiconductors |
|
30 / 180 page ![]() Memory MC68HC705MC4 — Rev. 2.0 Memory PWMB-I Data Interlock Register $0013 PWM Control Register A $0014 PWM Control Register B $0015 PWM Control Rate Register $0016 Timer Control Register $0017 Timer Status Register $0018 Input Capture2 Register MSB $0019 Input Capture2 Register LSB $001A Input Capture1 Register MSB $001B Input Capture1 Register LSB $001C Output Compare Register MSB $001D Output Compare Register LSB $001E Reserved $001F Timer Register MSB $0020 Timer Register LSB $0021 Alternate Counter Register MSB $0022 Alternate Counter Register LSB $0023 A/D Converter Data Register $0024 A/D Control & Status Register $0025 EPROM Program Register* $0026 PWM Update Register $0027 Unimplemented $0028 $002F * EPROM device only, unimplemented on ROM device Figure 2-2. I/O and Control Registers Memory Map (Continued) Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |