Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HC705MC4GRS/D Fiches technique(PDF) 21 Page - NXP Semiconductors

No de pièce HC705MC4GRS/D
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705MC4GRS/D Fiches technique(HTML) 21 Page - NXP Semiconductors

Back Button HC705MC4GRS/D Datasheet HTML 17Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 18Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 19Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 20Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 21Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 22Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 23Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 24Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 180 page
background image
General Description
Mask Options
General Release Specification
General Description
1.4 Mask Options
There is one user selectable option on the MC68HC705MC4; the COP
timer. This option is provided through a bit within a mask option register
(MOR) in the EPROM device, which is located and programmed at
$0F00. This option will be hard wired in the ROM-based device.
The ROM-based device (MC68HC05MC4) will offer these hard-wired
options.
•
COP Watchdog Timer Enabled with Option to Disable
•
Stop Instruction Enabled with Option to Disable
These options are compatible with the typical application environment in
which the device is expected to be used and will consequently allow the
OTP devices to be used in production.
1.5 Functional Pin Description
The following paragraphs describe the functionality of each pin on the
MC68HC705MC4 package (see Figure 1-2 and Figure 1-3). Pins
connected to subsystems which are described in other sections of this
document provide a reference to the section instead of a detailed
functional description.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More