Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HC705MC4GRS/D Fiches technique(PDF) 149 Page - NXP Semiconductors

No de pièce HC705MC4GRS/D
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705MC4GRS/D Fiches technique(HTML) 149 Page - NXP Semiconductors

Back Button HC705MC4GRS/D Datasheet HTML 145Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 146Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 147Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 148Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 149Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 150Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 151Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 152Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 153Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 180 page
background image
Instruction Set
Instruction Types
General Release Specification
Instruction Set
13.3.8 Relative
Relative addressing is only for branch instructions. If the branch
condition is true, the CPU finds the effective branch destination by
adding the signed byte following the opcode to the contents of the
program counter. If the branch condition is not true, the CPU goes to the
next instruction. The offset is a signed, two’s complement byte that gives
a branching range of –128 to +127 bytes from the address of the next
location after the branch instruction.
When using the Freescale assembler, the programmer does not need to
calculate the offset, because the assembler determines the proper offset
and verifies that it is within the span of the branch.
13.4 Instruction Types
The MCU instructions fall into the following five categories:
•
Register/Memory Instructions
•
Read-Modify-Write Instructions
•
Jump/Branch Instructions
•
Bit Manipulation Instructions
•
Control Instructions
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More