Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

0603C103C6PB4 Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce 0603C103C6PB4
Description  Multilayer Ceramic Chip Capacitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

0603C103C6PB4 Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  0603C103C6PB4 Datasheet HTML 1Page - List of Unclassifed Manufacturers 0603C103C6PB4 Datasheet HTML 2Page - List of Unclassifed Manufacturers 0603C103C6PB4 Datasheet HTML 3Page - List of Unclassifed Manufacturers 0603C103C6PB4 Datasheet HTML 4Page - List of Unclassifed Manufacturers 0603C103C6PB4 Datasheet HTML 5Page - List of Unclassifed Manufacturers 0603C103C6PB4 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Multilayer Ceramic Chip Capacitors
Part Number System
0805 C 104 K 5 N T 4
1
2
3
4
5
6
7 8
1. Size Code-Standard
Size
Length (mm)
Width (mm)
Thickness (mm)
0201
0.60±0.03
0.30±0.03
0.30±0.03
0402
1.00±0.05
0.50±0.05
0.90 max
0603
1.6±0.20
0.8±0.20
0.90 max
0805
2.0±0.20
1.25±0.20
1.40 max
1206
3.2±0.20
1.6±0.20
1.30 max
1210
3.2±0.20
2.5±0.20
1.90 max
1808
4.5±0.40
2.0±0.20
1.90 max
1812
4.5±0.50
3.2±0.40
2.50 max
1825
4.5±0.50
6.3±0.50
2.50 max
2220
5.6±0.40
5.0±0.50
2.50 max
2225
5.6±0.50
6.3±0.50
2.50 max
3035
7.6±0.50
9.0±0.50
3.00 max
Note: 1825 package is available by special order only. Contact your local distributor for available
C-V combinations.
Thickness dimensions apply to parts rated 100 WVDC or less, and in the standard ranges. For
higher voltage ratings, please contact us. For extended range, see the appropriate chart.
2. Temperature Coefficient
Letter
EIA
Code
Temperature
Coefficient
TC Tolerance
Operating
Temperature
A
COG
0 ppm/°C
±30 ppm/°C
-55~+125°C
B
X5R
±10%
N/A
-55~+85°C
C
X7R
±15%
N/A
-55~+125°C
E
Z5U
+22~-56%
N/A
+10~+85°C
G
Y5V
+22~-82%
N/A
-30~+85°C
Note: Z5U is being phased out of production. Please substitute Y5V product.
3. Capacitance Value Code
The three-digit code represents the value in picofarads (pF). The first two digits are significant
figures and the last
digit specifies the number of zeros following the first two. For values below 10pf, the letter "R"
designates the decimal point.
Example:
2R2=2.2pF • 471=470pF • 103=.01uF


Numéro de pièce similaire - 0603C103C6PB4

FabricantNo de pièceFiches techniqueDescription
logo
Bel Fuse Inc.
0603C1000-33 BEL-0603C1000-33 Datasheet
565Kb / 4P
6.3x32mm Fast Blow, Ceramic tube body cartridge fuse designed, approved and complied with UL and CSA standard 248-14.
Sep2024
0603C1000-XX BEL-0603C1000-XX Datasheet
565Kb / 4P
6.3x32mm Fast Blow, Ceramic tube body cartridge fuse designed, approved and complied with UL and CSA standard 248-14.
Sep2024
logo
Frontier Electronics.
0603C10N FRONTIER-0603C10N Datasheet
215Kb / 3P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
More results

Description similaire - 0603C103C6PB4

FabricantNo de pièceFiches techniqueDescription
logo
NIC-Components Corp.
NMC NIC-NMC Datasheet
361Kb / 3P
Multilayer Ceramic Chip Capacitors
NMC-H NIC-NMC-H Datasheet
80Kb / 5P
Multilayer Ceramic Chip Capacitors
NMC-M NIC-NMC-M Datasheet
192Kb / 3P
Multilayer Ceramic Chip Capacitors
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
Multilayer ceramic capacitors Chip capacitors
logo
TDK Electronics
C4532X7R1C226M200KC TDK-C4532X7R1C226M200KC Datasheet
138Kb / 1P
Multilayer Ceramic Chip Capacitors
C4532X7R1E106K250KA TDK-C4532X7R1E106K250KA Datasheet
138Kb / 1P
Multilayer Ceramic Chip Capacitors
C4532X7R1E106M250KA TDK-C4532X7R1E106M250KA Datasheet
138Kb / 1P
Multilayer Ceramic Chip Capacitors
C4532X7R1H225K160KA TDK-C4532X7R1H225K160KA Datasheet
138Kb / 1P
Multilayer Ceramic Chip Capacitors
C4532X7R2A105M230KA TDK-C4532X7R2A105M230KA Datasheet
139Kb / 1P
Multilayer Ceramic Chip Capacitors
C4532X7R2A155K230KA TDK-C4532X7R2A155K230KA Datasheet
138Kb / 1P
Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com