Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

0603C103C6PB4 Fiches technique(PDF) 6 Page - List of Unclassifed Manufacturers

No de pièce 0603C103C6PB4
Description  Multilayer Ceramic Chip Capacitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

0603C103C6PB4 Fiches technique(HTML) 6 Page - List of Unclassifed Manufacturers

  0603C103C6PB4 Datasheet HTML 1Page - List of Unclassifed Manufacturers 0603C103C6PB4 Datasheet HTML 2Page - List of Unclassifed Manufacturers 0603C103C6PB4 Datasheet HTML 3Page - List of Unclassifed Manufacturers 0603C103C6PB4 Datasheet HTML 4Page - List of Unclassifed Manufacturers 0603C103C6PB4 Datasheet HTML 5Page - List of Unclassifed Manufacturers 0603C103C6PB4 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Solderability
Termination area at least 95% covered with
a new solder coating. No cracks or exposure
of ceramic at terminations caused by
melting.
Test samples are completely immersed in molten solder
(Sn63) at 230°C±5°C for 4±0.5 seconds.
Resistance to
Solder Heat
DC
Class 1: No more than ±2.5% or ±0.25pF
whichever is larger
Class 2: X7R: ±5% max
Y5V: ±20% max
Sample preheat:
1. 80°~100°C for two minutes.
2. 150°~180°C for two minutes.
3. 270°C±5°C for 3±0.5 seconds.
DC measurement to be made after storing at room
temperature for 24 hours.
Q or DF As originally specified.
IR
As originally specified.



Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com