Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HC705E5GRS/D Fiches technique(PDF) 105 Page - NXP Semiconductors

No de pièce HC705E5GRS/D
Description  General Release Specification
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705E5GRS/D Fiches technique(HTML) 105 Page - NXP Semiconductors

Back Button HC705E5GRS/D Datasheet HTML 101Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 102Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 103Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 104Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 105Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 106Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 107Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 108Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 109Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 148 page
background image
Synchronous Serial Interface (SSI)
SSI During Wait Mode
MC68HC705E5 — Rev. 1.0
General Release Specification
Synchronous Serial Interface (SSI)
12.6 SSI During Wait Mode
The CPU clock halts during wait mode, but the SSI remains active. If
interrupts are enabled, an SSI interrupt will cause the processor to exit
wait mode.
12.7 SSI Pin Configuration
When the SSI is enabled via the SE bit of the SCR ($0A), the port B data
direction register bits 3–5 relinquish control to the SSI as directed by the
combination of the SE, MSTR, and SDIR bits. The states of the port B
DDR bits are not altered by the SSI.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More