| Moteur de recherche de fiches techniques de composants électroniques |
|
HC705E5GRS/D Fiches technique(PDF) 24 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705E5GRS/D Fiches technique(HTML) 24 Page - NXP Semiconductors |
|
24 / 148 page ![]() General Description General Release Specification MC68HC705E5 — Rev. 1.0 General Description 1.5.8 XFC This pin provides a means for connecting an external filter capacitor to the synthesizer PLL filter. For additional information concerning this capacitor, see Section 9. Phase-Locked Loop (PLL) Synthesis. 1.5.9 VDDSYN This pin provides a separate power connection to the PLL synthesizer which should be at the same potential as VDD. NOTE: Any unused inputs and I/O ports should be tied to an appropriate logic level (either VDD or VSS). Although the I/O ports of the MC68HC705E5 do not require termination, it is recommended to reduce the possibility of static damage. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |