Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HC705E5GRS/D Fiches technique(PDF) 46 Page - NXP Semiconductors

No de pièce HC705E5GRS/D
Description  General Release Specification
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705E5GRS/D Fiches technique(HTML) 46 Page - NXP Semiconductors

Back Button HC705E5GRS/D Datasheet HTML 42Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 43Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 44Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 45Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 46Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 47Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 48Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 49Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 148 page
background image
Resets
General Release Specification
MC68HC705E5 — Rev. 1.0
Resets
5.6.4 COP Watchdog Timer Considerations
If enabled by a mask option, the COP watchdog timer is active in all
modes of operation (disabled in test and self-check modes). If the COP
watchdog timer is selected by a mask option, any execution of the STOP
instruction (either intentional or inadvertent due to the CPU being
disturbed) will cause the oscillator to halt and prevent the COP watchdog
timer from timing out. Therefore, it is recommended that the STOP
instruction should be disabled if the COP watchdog timer is enabled.
If the COP watchdog timer is selected by a mask option, the COP will
reset the MCU when it times out. Therefore, it is recommended that the
COP watchdog should be disabled for a system that must have
intentional uses of the wait mode for periods longer than the COP
timeout period.
The recommended interactions and considerations for the COP
watchdog timer, STOP instruction, and WAIT instruction are
summarized in Figure 5-1.
5.7 Illegal Address Reset
When an opcode fetch occurs from an address which is not implemented
in the RAM ($0080–$01FF) or ROM ($0F00–$1FFF), the part is reset
automatically.
Table 5-1. COP Watchdog Timer Recommendations
IF the Following Conditions Exist:
THEN the COP Watchdog
Timer Should Be:
STOP Instruction
Wait Time
Converted to Reset
WAIT Time
Less Than
COP Time-Out
Enable or Disable COP
by Mask Option
Converted to Reset
WAIT Time
More Than
COP Time-Out
Disable COP by Mask Option
Acts as STOP
Any Length
WAIT Time
Disable COP by Mask Option
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More