Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9961 Fiches technique(PDF) 35 Page - STMicroelectronics

No de pièce L9961
Description  Battery management system solution
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9961 Fiches technique(HTML) 35 Page - STMicroelectronics

Back Button L9961 Datasheet HTML 31Page - STMicroelectronics L9961 Datasheet HTML 32Page - STMicroelectronics L9961 Datasheet HTML 33Page - STMicroelectronics L9961 Datasheet HTML 34Page - STMicroelectronics L9961 Datasheet HTML 35Page - STMicroelectronics L9961 Datasheet HTML 36Page - STMicroelectronics L9961 Datasheet HTML 37Page - STMicroelectronics L9961 Datasheet HTML 38Page - STMicroelectronics L9961 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 65 page
background image
•
The FUSE can be then fired setting FUSE_TRIG_FIRE = 10 within TFUSE_TIMEOUT, otherwise the fire
command will be discarded
Note:
Rewriting FUSE_TRIG_ARM = 10 while the timeout is running restarts the timer. Writing FUSE_TRIG_FIRE =
01 interrupts the FUSE activation. Writing FUSE_TRIG_ARM = 10 while FUSE_TRIG_FIRE = 10 immediately
fires the FUSE.
•
Secondary protector activation detection: if the FUSE voltage rises above VFUSE_TH for longer than
TFUSE_FILTER, the FUSE pre-driver is enabled and the FUSE_EXT flag is set. Once triggered, the action
can no longer be inhibited unless a GO2SHIP/GO2SLP command is issued.
L9961
HS/LS pre-drivers (CHG/DCHG/FUSE)
DS14012 - Rev 3
page 35/65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65