| Moteur de recherche de fiches techniques de composants électroniques |
|
L9961 Fiches technique(PDF) 46 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9961 Fiches technique(HTML) 46 Page - STMicroelectronics |
|
46 / 65 page ![]() 3.11.1 Electrical parameters All parameters are tested and guaranteed in the following conditions, unless otherwise noted: VB according to the operating range of Table 2; TJ according to the operating range of Table 5. Table 32. NVM electrical parameters Symbol Parameter Test condition Min. Typ. Max. Unit NNVM_WRITE_CYCLES NVM allowed write cycles Guaranteed by design - - 16 cycles TNVM_UPLOAD NVM upload time Guaranteed by design - - 65 ms TNVM_DOWNLOAD NVM download time Guaranteed by design - - 5 ms L9961 Non-volatile memory (NVM) DS14012 - Rev 3 page 46/65 |