Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

555-3003 Fiches technique(PDF) 1 Page - Dialight Corporation

No de pièce 555-3003
Description  2mm LED CBI Circuit Board Indicator Single, Top View
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIALIGHT [Dialight Corporation]
Site Internet  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

555-3003 Fiches technique(HTML) 1 Page - Dialight Corporation

  555-3003 Datasheet HTML 1Page - Dialight Corporation 555-3003 Datasheet HTML 2Page - Dialight Corporation 555-3003 Datasheet HTML 3Page - Dialight Corporation 555-3003 Datasheet HTML 4Page - Dialight Corporation 555-3003 Datasheet HTML 5Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
3-6
Dialight Corporation • 1501 Route 34 South • Farmingdale, NJ 07727 • TEL: (732) 919-3119 • FAX: (732) 751-5778 •www.dialight.com
1.14 [.045]
RECOMMENDED
PC BOARD LAYOUT
.254 X .686
[.010] X [.027]
CATHODE
+
5.08
[.200]
0.965
±.05
[.038
±.002]
7.62
[.300]
6.35
[.250]
3.68
[.145]
7.62
[.300]
2.03
[.080]
2.54
[.100] MAX
2mm
LED CBI
® Circuit Board Indicator
Single, Top View
555-3xxx
PART NO.
COLOR
GENERAL PURPOSE
555-3001
Red
555-3301
Green
555-3401
Yellow
INTEGRAL RESISTOR, VARIOUS VOLTAGES
555-3003
Red, 5V
555-3006
Red, 14V
555-3007
Red, 5V
555-3008
Red, 24V
555-3009
Red, 5V
555-3303
Green, 5V
555-3403
Yellow, 5V
Features
• Multiple CBIs form horizontal LED arrays on 2.54mm
(0.100”) center-lines
• High Contrast, UL 94 V-0 rated, black housing
• Oxygen index: 31.5%
• Polymer content: PBT, 0.090 g
• Housing stand-offs facilitate PCB cleaning
• Solderability per MIL-STD-202F, method 208F
• LEDs are safe for direct viewing per IEC 825-1, EN-60825-1
• Compatible with: 555-5xxx Quad Block
Tolerance note: As noted, otherwise:
• LED Protrusion: ±0.04 mm [±0.016]
• CBI Housing: ±0.02mm[±0.008]
Dimensions in mm [inches]


Numéro de pièce similaire - 555-3003

FabricantNo de pièceFiches techniqueDescription
logo
CAMBION Electronic Comp...
555-0402 CAMBION-555-0402 Datasheet
41Kb / 2P
Chip inductors, wire wound, surface mount, 0402 package
555-0603 CAMBION-555-0603 Datasheet
42Kb / 2P
Chip inductors, wire wound, surface mount, 0603 package
555-0805 CAMBION-555-0805 Datasheet
41Kb / 2P
Chip inductors, wire wound, surface mount, 0805 package
555-1008 CAMBION-555-1008 Datasheet
42Kb / 2P
Chip inductors, wire wound, surface mount, 1008 package
logo
Multicomp Pro
555-11900 MULTICOMP-555-11900 Datasheet
148Kb / 1P
XLR 3 Position Plug to Jack
14/05/20 V1.0
More results

Description similaire - 555-3003

FabricantNo de pièceFiches techniqueDescription
logo
Dialight Corporation
555-2XXX DIALIGHT-555-2XXX Datasheet
31Kb / 5P
2mm LED CBI Circuit Board Indicator Single
555-4XXX DIALIGHT-555-4XXX Datasheet
25Kb / 3P
2mm LED CBI Circuit Board Indicator Quad
555-5XXX DIALIGHT-555-5XXX Datasheet
25Kb / 3P
2mm LED CBI Circuit Board Indicator Quad, Top View
566-XX06 DIALIGHT-566-XX06 Datasheet
30Kb / 2P
2mm x 5mm Rectangular LED CBI Circuit Board Indicator
566-XX07 DIALIGHT-566-XX07 Datasheet
41Kb / 3P
2mm x 5mm Rectangular LED CBI Circuit Board Indicator
595-2X01-0XX DIALIGHT-595-2X01-0XX Datasheet
27Kb / 2P
2mm Prism CBI Circuit Board Indicator Surface Mount LED
550-XX04 DIALIGHT-550-XX04 Datasheet
73Kb / 9P
5mm LED CBI Circuit Board Indicator Top View, Single
555-2003F DIALIGHT-555-2003F Datasheet
58Kb / 3P
2mm LED CBI Circuit Board Indicator Single
551-0601F DIALIGHT-551-0601F Datasheet
86Kb / 8P
LED CBI Circuit Board Indicator LED CBI Circuit Board Indicator
350-1817-ND DIALIGHT-350-1817-ND Datasheet
78Kb / 9P
LED CBI Circuit Board Indicator
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com