Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

555-3003 Fiches technique(PDF) 5 Page - Dialight Corporation

No de pièce 555-3003
Description  2mm LED CBI Circuit Board Indicator Single, Top View
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIALIGHT [Dialight Corporation]
Site Internet  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

555-3003 Fiches technique(HTML) 5 Page - Dialight Corporation

  555-3003 Datasheet HTML 1Page - Dialight Corporation 555-3003 Datasheet HTML 2Page - Dialight Corporation 555-3003 Datasheet HTML 3Page - Dialight Corporation 555-3003 Datasheet HTML 4Page - Dialight Corporation 555-3003 Datasheet HTML 5Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
3-16
Dialight Corporation • 1501 Route 34 South • Farmingdale, NJ 07727 • TEL: (732) 919-3119 • FAX: (732) 751-5778 •www.dialight.com
Red 14V
Red 3.6V
Red 10V
Red 15V
Red 24V
OPERATING CHARACTERISTICS (T
A=25°C)
-9619
-9620
-9621
-9622
-9623
Luminous Intensity (mcd)
Min.
1.3
2.6
1.8
.3
.4
VF=Forward Voltage
Typical
3.1
6.2
4.2
.9
.9
Peak Wavelength (nm)
Typical
650
650
650
650
650
λ Peak
Viewing Angle (2
Θ
Θ1/
2)
Typical
40°
40°
40°
40°
40°
Forward Current (mA)
Typical
10
20
14
3
3
VF=Forward Voltage
Max.
15
25
18
3.8
3.8
Reverse Voltage (V), IR=100µA
Typical
15
4.6
11
16
25
Red 14V
Red 3.6V
Red 10V
Red 15V
Red 24V
ABSOLUTE MAXIMUM RATINGS (T
A=25°C)
-9619
-9620
-9621
-9622
-9623
Forward Voltage (V)
14
3.6
10
15
24
Operating Temperature (°C)
-55/+100
-55/+100
-55/+100
-55/+100
-55/+100
Storage Temperature (°C)
-55/+100
-55/+100
-55/+100
-55/+100
-55/+100
Soldering Temperature
260°C, 5 seconds, 1.6 mm from case
TYPE
COLOR
2RD-9619*
Red, 14V
2RD-9620*
Red, 3.6V
2RD-9621*
Red, 10V
2RD-9622*
Red, 15V
2RD-9623*
Red, 24V
2mm
Integral Resistor, Various Voltages
Diffused
2RD-9619 thru 2RD-9623
* NOT A VALID PART
NUMBER. THIS SHEET IS FOR
REFERENCE ONLY.



Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com