| Moteur de recherche de fiches techniques de composants électroniques |
|
ICS94258 Fiches technique(PDF) 7 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS94258 Fiches technique(HTML) 7 Page - Renesas Technology Corp |
|
7 / 20 page ![]() 7 ICS94258 Third party brands and names are the property of their respective owners. Byte 1: CPU, Active/Inactive Register (1= enable, 0 = disable) Byte 2: PCI, Active/Inactive Register (1= enable, 0 = disable) Notes: 1. Inactive means outputs are held LOW and are disabled from switching. 2. Latched Frequency Selects (FS#) will be inverted logic load of the input frequency select pin conditions. T I B# N I PD W PN O I T P I R C S E D 7 t i B3 41 0 M A R D S 6 t i B2 41 1 M A R D S 5 t i B9 31 2 M A R D S 4 t i B8 31 3 M A R D S 3 t i B7 31 4 M A R D S 2 t i B6 31 5 M A R D S 1 t i B3 31 6 M A R D S 0 t i B2 31 7 M A R D S Byte 4: Reserved , Active/Inactive Register (1= enable, 0 = disable) Byte 5: Peripheral , Active/Inactive Register (1= enable, 0 = disable) Byte 3: SDRAM, Active/Inactive Register (1= enable, 0 = disable) T I B# N I PD W PN O I T P I R C S E D 7 t i B- 0 ) e t o N ( d e v r e s e R 6 t i B- 0 ) e t o N ( d e v r e s e R 5 t i B- 0 ) e t o N ( d e v r e s e R 4 t i B- 0 ) e t o N ( d e v r e s e R 3 t i B- 0 ) e t o N ( d e v r e s e R 2 t i B- 1 ) e t o N ( d e v r e s e R 1 t i B- 1 ) e t o N ( d e v r e s e R 0 t i B- 1 ) e t o N ( d e v r e s e R Byte 6: Peripheral , Active/Inactive Register (1= enable, 0 = disable) T I B# N I PD W PN O I T P I R C S E D 7 t i B- X # 0 S F 6 t i B- X # 1 S F 5 t i B- X # 2 S F 4 t i B1 31 8 M A R D S 3 t i B0 31 9 M A R D S 2 t i B7 21 0 1 M A R D S 1 t i B6 21 1 1 M A R D S 0 t i B5 21 2 1 M A R D S T I B# N I PD W PN O I T P I R C S E D 7 t i B- X # 3 S F 6 t i B0 11 1 P G A 5 t i B9 1 0 P G A 4 t i B2 21 z H M 8 4 3 t i B2 1 C I P A O I 2 t i B7 0 X 2 r o X 1 - F E R X 2 = 0 = t l u a f e d 1 t i B6 41 F _ K L C U P C 0 t i B7 41 K L C U P C T I B# N I PD W PN O I T P I R C S E D 7 t i B8 10 # E D O M 6 t i B0 21 5 K L C I C P 5 t i B9 11 4 K L C I C P 4 t i B8 11 3 K L C I C P 3 t i B5 11 2 K L C I C P 2 t i B4 11 1 K L C I C P 1 t i B3 11 0 K L C I C P 0 t i B2 11 F _ K L C I C P T I B# N I PD W PN O I T P I R C S E D 7 t i B5 11 # T E S E R = 0 , 2 K L C I C P = 1 6 t i B- 1 ) d e v r e s e R ( 5 t i B0 31 F _ I C P L E S / 9 M A R D S ) F _ I C P L E S = 1 = t l u a f e d ( 4 t i B- 1 ) d e v r e s e R ( 3 t i B- 1 ) d e v r e s e R ( 2 t i B- 1 ) d e v r e s e R ( 1 t i B- 0 l l i w P O T S _ U P C 0 0 = ) 0 : 1 ( t i B s k c o l c U P C p o t s l l i w P O T S _ U P C 1 0 = ) 0 : 1 ( t i B s k c o l c P G A , M A R D S , U P C p o t s l l i w P O T S _ U P C 0 1 = ) 0 : 1 ( t i B s k c o l c M A R D S , U P C p o t s l l i w P O T S _ U P C 1 1 = ) 0 : 1 ( t i B s k c o l c P G A , U P C p o t s 0 t i B- 0 |