| Moteur de recherche de fiches techniques de composants électroniques |
|
ICS94258 Fiches technique(PDF) 6 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS94258 Fiches technique(HTML) 6 Page - Renesas Technology Corp |
|
6 / 20 page ![]() 6 ICS94258 Third party brands and names are the property of their respective owners. Byte0: Functionality and Frequency Select Register (default = 0) Serial Configuration Command Bitmap Note1: Default at power-up will be for latched logic inputs to define frequency, as displayed by Bit 3. The I2C readback of the power up default indicates the revision ID in bits 2, 7:4 as shown. ti Bn o it p i r c s e DD W P , 2 ti B 4 : 7 ti B 3 S F2 S F1 S F0 S F K L C U P C ) z H M ( M A R D S ) z H M ( K L C I C P ) z H M ( P G A ) z H M ( e g a t n e c e r P d a e r p S 0 0 0 0 0 1 e t o N 2 ti B7 ti B6 ti B5 ti B4 ti B 00 0 0 0 6 6 . 6 66 6 . 6 63 3 . 3 36 6 . 6 6d a e r p S r e t n e C % 5 2 . 0 -/ + 00 0 0 1 6 6 . 6 60 0 . 0 0 13 3 . 3 36 6 . 6 6d a e r p S r e t n e C % 5 2 . 0 -/ + 00 0 1 0 0 0 . 0 0 16 6 . 6 63 3 . 3 36 6 . 6 6d a e r p S r e t n e C % 5 2 . 0 -/ + 00 0 1 1 0 0 . 0 0 10 0 . 0 0 13 3 . 3 36 6 . 6 6d a e r p S r e t n e C % 5 2 . 0 -/ + 00 1 0 0 0 0 . 0 0 13 3 . 3 3 13 3 . 3 36 6 . 6 6d a e r p S r e t n e C % 5 2 . 0 -/ + 00 1 0 1 3 3 . 3 3 16 6 . 6 63 3 . 3 36 6 . 6 6d a e r p S r e t n e C % 5 2 . 0 -/ + 00 1 1 0 3 3 . 3 3 10 0 . 0 0 13 3 . 3 36 6 . 6 6d a e r p S r e t n e C % 5 2 . 0 -/ + 00 1 1 1 3 3 . 3 3 13 3 . 3 3 13 3 . 3 36 6 . 6 6d a e r p S r e t n e C % 5 2 . 0 -/ + 01 0 0 0 6 6 . 6 66 6 . 6 63 3 . 3 36 6 . 6 6d a e r p S n w o D % 5 . 0 - o t 0 01 0 0 1 6 6 . 6 60 0 . 0 0 13 3 . 3 36 6 . 6 6d a e r p S n w o D % 5 . 0 - o t 0 01 0 1 0 0 0 . 0 0 16 6 . 6 63 3 . 3 36 6 . 6 6d a e r p S n w o D % 5 . 0 - o t 0 01 0 1 1 0 0 . 0 0 10 0 . 0 0 13 3 . 3 36 6 . 6 6d a e r p S n w o D % 5 . 0 - o t 0 01 1 0 0 0 0 . 0 0 13 3 . 3 3 13 3 . 3 36 6 . 6 6d a e r p S n w o D % 5 . 0 - o t 0 01 1 0 1 3 3 . 3 3 16 6 . 6 63 3 . 3 36 6 . 6 6d a e r p S n w o D % 5 . 0 - o t 0 01 1 1 0 3 3 . 3 3 10 0 . 0 0 13 3 . 3 36 6 . 6 6d a e r p S n w o D % 5 . 0 - o t 0 01 1 1 1 3 3 . 3 3 13 3 . 3 3 13 3 . 3 36 6 . 6 6d a e r p S n w o D % 5 . 0 - o t 0 10 0 0 0 9 9 . 9 69 9 . 9 60 0 . 5 39 9 . 9 6d a e r p S r e t n e C % 5 2 . 0 -/ + 10 0 0 1 9 9 . 9 60 0 . 5 0 10 0 . 5 39 9 . 9 6d a e r p S r e t n e C % 5 2 . 0 -/ + 10 0 1 0 0 0 . 5 0 19 9 . 9 60 0 . 5 39 9 . 9 6d a e r p S r e t n e C % 5 2 . 0 -/ + 10 0 1 1 0 0 . 5 0 10 0 . 5 0 10 0 . 5 39 9 . 9 6d a e r p S r e t n e C % 5 2 . 0 -/ + 10 1 0 0 0 0 . 5 0 10 0 . 0 4 10 0 . 5 39 9 . 9 6d a e r p S r e t n e C % 5 2 . 0 -/ + 10 1 0 1 0 0 . 0 4 19 9 . 9 60 0 . 5 39 9 . 9 6d a e r p S r e t n e C % 5 2 . 0 -/ + 10 1 1 0 0 0 . 0 4 10 0 . 5 0 10 0 . 5 39 9 . 9 6d a e r p S r e t n e C % 5 2 . 0 -/ + 10 1 1 1 0 0 . 0 4 10 0 . 0 4 10 0 . 5 39 9 . 9 6d a e r p S r e t n e C % 5 2 . 0 -/ + 11 0 0 0 3 3 . 3 73 3 . 3 76 6 . 6 33 3 . 3 7d a e r p S r e t n e C % 5 2 . 0 -/ + 11 0 0 1 3 3 . 3 70 0 . 0 1 16 6 . 6 33 3 . 3 7d a e r p S r e t n e C % 5 2 . 0 -/ + 11 0 1 0 0 0 . 0 1 13 3 . 3 76 6 . 6 33 3 . 3 7d a e r p S r e t n e C % 5 2 . 0 -/ + 11 0 1 1 0 0 . 0 1 10 0 . 0 1 16 6 . 6 33 3 . 3 7d a e r p S r e t n e C % 5 2 . 0 -/ + 11 1 0 0 0 0 . 0 1 16 6 . 6 4 16 6 . 6 33 3 . 3 7d a e r p S r e t n e C % 5 2 . 0 -/ + 11 1 0 1 6 6 . 6 4 13 3 . 3 76 6 . 6 33 3 . 3 7d a e r p S r e t n e C % 5 2 . 0 -/ + 11 1 1 0 6 6 . 6 4 10 0 . 0 1 16 6 . 6 33 3 . 3 7d a e r p S r e t n e C % 5 2 . 0 -/ + 11 1 1 1 6 6 . 6 4 16 6 . 6 4 16 6 . 6 33 3 . 3 7d a e r p S r e t n e C % 5 2 . 0 -/ + 3 ti B s t u p n I d e h c t a L ,t c el e s e r a w d r a h y b d e t c el e s si y c n e u q e r F - 0 4 : 7 , 2 ti B y b d e t c el e s si y c n e u q e r F - 1 0 1 ti B l a m r o N - 0 d el b a n E m u rt c e p S d a e r p S - 1 0 0 ti B g n i n n u R - 0 s t u p t u o ll a e t a t si r T - 1 0 |