Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN250QT Fiches technique(PDF) 30 Page - STMicroelectronics

No de pièce SN250QT
Description  Single-chip ZigBee/802.15.4 solution
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN250QT Fiches technique(HTML) 30 Page - STMicroelectronics

Back Button SN250QT Datasheet HTML 26Page - STMicroelectronics SN250QT Datasheet HTML 27Page - STMicroelectronics SN250QT Datasheet HTML 28Page - STMicroelectronics SN250QT Datasheet HTML 29Page - STMicroelectronics SN250QT Datasheet HTML 30Page - STMicroelectronics SN250QT Datasheet HTML 31Page - STMicroelectronics SN250QT Datasheet HTML 32Page - STMicroelectronics SN250QT Datasheet HTML 33Page - STMicroelectronics SN250QT Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 130 page
background image
Functional description—system modules
SN250
30/130
the powered-down low-voltage domain of the SN250 is lost. Register settings for application
peripherals should be preserved by the application as desired. The operation of DEEP
SLEEP is controlled by ZNet APIs which automatically preserve the state of necessary
system peripherals. The internal XAP2b CPU registers are automatically saved and
restored to RAM by hardware when entering and leaving the DEEP SLEEP mode, allowing
code execution to continue from where it left off. The event that caused the wakeup and any
additional events that occurred while waking up are reported to the application via the ZNet
APIs. Upon waking from DEEP SLEEP, the internal regulator is re-enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More