| Moteur de recherche de fiches techniques de composants électroniques |
|
SN250QT Fiches technique(PDF) 59 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SN250QT Fiches technique(HTML) 59 Page - STMicroelectronics |
|
59 / 130 page ![]() SN250 Functional description—application modules 59/130 SC1_I2CCTRL2 [0x44A8] SC1_I2CSTAT [0x44A2] 15 0-R 14 0-R 13 0-R 12 0-R 11 0-R 10 0-R 9 0-R 8 0-R 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 SC_I2CACK 0-R 7 0-R 6 0-R 5 0-R 4 0-R 3 0-R 2 0-R 1 0-RW 0 SC_I2CACK [0] Setting this bit will signal ACK after a received byte. Clearing this bit will signal NACK after a received byte. 15 0-R 14 0-R 13 0-R 12 0-R 11 0-R 10 0-R 9 0-R 8 0-R 0 0 0 0 0 0 0 0 0 0 0 0 SC_ I2CCMDFIN SC_ I2CRXFIN SC_ I2CTXFIN SC_ I2CRXNAK 0-R 7 0-R 6 0-R 5 0-R 4 0-R 3 0-R 2 0-R 1 0-R 0 SC_I2CCMDFIN [3] This bit is set when a START or STOP command completes. It autoclears on next bus activity. SC_I2CRXFIN [2] This bit is set when a byte is received. It autoclears on next bus activity. SC_I2CTXFIN [1] This bit is set when a byte is transmitted. It autoclears on next bus activity. SC_I2CRXNAK [0] This bit is set when a NACK is received from the slave. It autoclears on next bus activity. |