Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN250QT Fiches technique(PDF) 104 Page - STMicroelectronics

No de pièce SN250QT
Description  Single-chip ZigBee/802.15.4 solution
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN250QT Fiches technique(HTML) 104 Page - STMicroelectronics

Back Button SN250QT Datasheet HTML 100Page - STMicroelectronics SN250QT Datasheet HTML 101Page - STMicroelectronics SN250QT Datasheet HTML 102Page - STMicroelectronics SN250QT Datasheet HTML 103Page - STMicroelectronics SN250QT Datasheet HTML 104Page - STMicroelectronics SN250QT Datasheet HTML 105Page - STMicroelectronics SN250QT Datasheet HTML 106Page - STMicroelectronics SN250QT Datasheet HTML 107Page - STMicroelectronics SN250QT Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 130 page
background image
Functional description—application modules
SN250
104/130
TMR2_CMPA [0x4588]
TMR2_CMPB [0x458A]
TMR2_CAPCFGA [0x4592]
15
0-RW
14
0-RW
13
0-RW
12
0-RW
11
0-RW
10
0-RW
9
0-RW
8
0-RW
TMR2_CMPA
TMR2_CMPA
0-RW
7
0-RW
6
0-RW
5
0-RW
4
0-RW
3
0-RW
2
0-RW
1
0-RW
0
TMR2_CMPA
[15:0]
Timer 2 compare A value.
15
0-RW
14
0-RW
13
0-RW
12
0-RW
11
0-RW
10
0-RW
9
0-RW
8
0-RW
TMR2_CMPB
TMR2_CMPB
0-RW
7
0-RW
6
0-RW
5
0-RW
4
0-RW
3
0-RW
2
0-RW
1
0-RW
0
TMR2_CMPB
[15:0]
Timer 2 compare B value.
15
0-R
14
0-R
13
0-R
12
0-R
11
0-R
10
0-R
9
0-R
8
0-RW
0
0
0
0
0
0
0
TMR_
CAPFILT
0
TMR_CAPMOD
0
0
0
0
0
0-R
7
0-RW
6
0-RW
5
0-R
4
0-R
3
0-R
2
0-R
1
0-R
0
TMR_CAPFILT
[8]
Set this bit to enable the input A filter.
TMR_CAPMOD
[6:5]
Input edge triggering selection: 0 = disabled; 1 = rising; 2 = falling; 3 = both edges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More