Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6572 Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce L6572
Description  High voltage smart ballast controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6572 Fiches technique(HTML) 4 Page - STMicroelectronics

  L6572 Datasheet HTML 1Page - STMicroelectronics L6572 Datasheet HTML 2Page - STMicroelectronics L6572 Datasheet HTML 3Page - STMicroelectronics L6572 Datasheet HTML 4Page - STMicroelectronics L6572 Datasheet HTML 5Page - STMicroelectronics L6572 Datasheet HTML 6Page - STMicroelectronics L6572 Datasheet HTML 7Page - STMicroelectronics L6572 Datasheet HTML 8Page - STMicroelectronics L6572 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Description
L6572
4/22
Doc ID 023882 Rev 1
Figure 2.
Typical application
9
7
-
6
10
12
13
R1
L1
Si
C2
D4
D5
C1
C3
C5
C6
C7
R2
T1
T2
Br
L2
3
2
45
8
C4
14
11
1
n.c.
R
DO
R
NO
R
CL
R
DT
R
PH
Rb
Ra
AM14882v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22