Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL072I Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce TL072I
Description  LOW NOISE J-FET DUAL OPERATIONAL AMPLIFIERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL072I Fiches technique(HTML) 5 Page - STMicroelectronics

  TL072I Datasheet HTML 1Page - STMicroelectronics TL072I Datasheet HTML 2Page - STMicroelectronics TL072I Datasheet HTML 3Page - STMicroelectronics TL072I Datasheet HTML 4Page - STMicroelectronics TL072I Datasheet HTML 5Page - STMicroelectronics TL072I Datasheet HTML 6Page - STMicroelectronics TL072I Datasheet HTML 7Page - STMicroelectronics TL072I Datasheet HTML 8Page - STMicroelectronics TL072I Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
100
10
1
0.1
0.01
-50
-25
0
25
50
75
100
125
TEMPERATURE (
°C)
V
CC =
15V
INPUT BIAS CURRENT VERSUS
FREE AIR TEMPERATURE
1000
400
200
100
20
40
10
4
2
1
-75
-50
-25
0
25
50
75
100
125
TEMPERATURE (
°C)
R
L
=2k
Ω
V
O
=
10V
V
CC
=
15V
LARGE SIGNAL DIFFERENTIAL
VOLTAGE AMPLIFICATION VERSUS
FREE AIR TEMPERATURE
FREQUENC Y (Hz)
100
10
100
1K
10K
100K
10M
1M
1
DIFFER ENTIAL
VOLTAGE
AMPLIFICATION
(left s ca le)
180
90
0
R= 2k
Ω
C
= 100pF
V= 15V
T= +125 C
L
L
CC
amb
P HASE S HIFT
(right s ca le )
LARGE SIGNAL DIFFERENTIAL
VOLTAGE AMPLIFICATION AND PHASE
SHIFT VERSUS FREQUENCY
250
225
200
175
150
125
100
75
50
25
0
-75
-50
-25
0
25
50
75
100
125
TEMPERATURE (
°C)
V
CC =
15V
No signal
No load
TOTAL POWER DISSIPATION VERSUS
FREE AIR TEMPERATURE
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
-75
-50
-25
0
25
50
75
100
125
TEMPERATURE (
°C)
V
CC =
15V
No signal
No load
SUPPLY CURRENT PER AMPLIFIER
VERSUS FREE AIR TEMPERATURE
89
88
87
86
85
84
-50
-25
0
25
50
75
100
125
TEMPERATURE (
°C)
83
-75
R
L
=1 0 k
Ω
=1 5V
V
CC
COMMON MODE REJECTION RATIO
VERSUS FREE AIR TEMPERATURE
TL072 - TL072A - TL072B
5/9



Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com