Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL072I Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce TL072I
Description  LOW NOISE J-FET DUAL OPERATIONAL AMPLIFIERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL072I Fiches technique(HTML) 3 Page - STMicroelectronics

  TL072I Datasheet HTML 1Page - STMicroelectronics TL072I Datasheet HTML 2Page - STMicroelectronics TL072I Datasheet HTML 3Page - STMicroelectronics TL072I Datasheet HTML 4Page - STMicroelectronics TL072I Datasheet HTML 5Page - STMicroelectronics TL072I Datasheet HTML 6Page - STMicroelectronics TL072I Datasheet HTML 7Page - STMicroelectronics TL072I Datasheet HTML 8Page - STMicroelectronics TL072I Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ELECTRICAL CHARACTERISTICS
VCC =
±15V, Tamb =25oC (unless otherwise specified)
Symbol
Parameter
TL072I,M,AC,AI,
AM,BC,BI,BM
TL072C
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Vio
Input Offset Voltage (RS =50
Ω)
Tamb =25
oC
TL072
TL072A
TL072B
Tmin.
≤ Tamb ≤ Tmax.
TL072
TL072A
TL072B
3
3
1
10
6
3
13
7
5
310
13
mV
DVio
Input Offset Voltage Drift
10
10
µV/oC
Iio
Input Offset Current *
Tamb =25
oC
Tmin.
≤ Tamb ≤ Tmax.
5
100
4
5
100
10
pA
nA
Iib
Input Bias Current *
Tamb =25
oC
Tmin.
≤ Tamb ≤ Tmax.
20
200
20
20
200
20
pA
nA
Avd
Large Signal Voltage Gain (RL =2k
Ω,VO = ±10V)
Tamb =25
oC
Tmin.
≤ Tamb ≤ Tmax.
50
25
200
25
15
200
V/mV
SVR
Supply Voltage Rejection Ratio (RS =50
Ω)
Tamb =25
oC
Tmin.
≤ Tamb ≤ Tmax.
80
80
86
70
70
86
dB
ICC
Supply Current, per Amp, no Load
Tamb =25
oC
Tmin.
≤ Tamb ≤ Tmax.
1.4
2.5
2.5
1.4
2.5
2.5
mA
Vicm
Input Common Mode Voltage Range
±11
+15
-12
±11
+15
-12
V
CMR
Common Mode Rejection Ratio (RS =50
Ω)
Tamb =25
oC
Tmin.
≤ Tamb ≤ Tmax.
80
80
86
70
70
86
dB
Ios
Output Short-circuit Current
Tamb =25
oC
Tmin.
≤ Tamb ≤ Tmax.
10
10
40
60
60
10
10
40
60
60
mA
±VOPP
Output Voltage Swing
Tamb =25
oCRL =2kΩ
RL = 10k
Ω
Tmin.
≤ Tamb ≤ Tmax.
RL =2k
Ω
RL = 10k
Ω
10
12
10
12
12
13.5
10
12
10
12
12
13.5
V
SR
Slew Rate (Vin = 10V, RL =2k
Ω, CL = 100pF,
Tamb =25
oC, unity gain)
8
16
8
16
V/
µs
tr
Rise Time (Vin = 20mV, RL =2k
Ω,CL = 100pF,
Tamb =25
oC, unity gain)
0.1
0.1
µs
KOV
Overshoot (Vin = 20mV, RL =2k
Ω,CL = 100pF,
Tamb =25
oC, unity gain)
10
10
%
GBP
Gain Bandwidth Product (f = 100kHz,
Tamb =25
oC, Vin = 10mV, RL =2k
Ω,CL = 100pF)
2.5
4
2.5
4
MHz
Ri
Input Resistance
10
12
10
12
Ω
THD
Total Harmonic Distortion (f = 1kHz, AV = 20dB,
RL =2k
Ω,CL = 100pF, Tamb =25oC, VO =2VPP)
0.01
0.01
%
en
Equivalent Input Noise Voltage
(f = 1kHz, Rs = 100
Ω)
15
15
nV
√
Hz
∅m
Phase Margin
45
45
Degrees
VO1/VO2
Channel Separation (Av = 100)
120
120
dB
* The input bias currents are junction leakage currents which approximately double for every 10
oC increase in the junction temperature.
TL072 - TL072A - TL072B
3/9



Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com