| Moteur de recherche de fiches techniques de composants électroniques |
|
FS6407 Fiches technique(PDF) 83 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
FS6407 Fiches technique(HTML) 83 Page - NXP Semiconductors |
|
83 / 111 page ![]() NXP Semiconductors 83 FS6407/FS6408 7.3.20 IO_OUT-AMUX Table 54. VREG MODE. Description and configuration of the bits (default value in bold) VCORE_EN Description VCORE control (Switch OFF NOT recommended if VCORE is SAFETY critical) 0 DISABLED 1 ENABLED Reset condition Power On Reset VCCA_EN Description VCCA control (Switch OFF NOT recommended if VCCA is SAFETY critical) 0 DISABLED 1 ENABLED Reset condition Power On Reset VAUX_EN Description VAUX control (Switch OFF NOT recommended if VAUX is SAFETY critical) 0 DISABLED 1 ENABLED Reset condition Power On Reset VCAN_EN Description VCAN control 0 DISABLED 1 ENABLED Reset condition Power On Reset Secure 3:0 Description Secured bits based on write bits Secured_3 = NOT(bit5) Secured_2 = NOT(bit4) Secured_1 = bit7 Secured_0 = bit6 Table 55. IO_OUT-AMUX register description Write bit15 bit14 bit13 bit12 bit11 bit10 bit9 bit8 bit7 bit6 bit5 bit4 bit3 bit2 bit1 bit0 MOSI 10101 11 P IO_out _4_EN IO_out _4 IO_out _5_EN IO_out _5 0 Amux_ 2 Amux_ 1 Amux_ 0 MISO SPI_G WU CAN_G Reserv ed IO_G Vpre_G Vcore_ G Vothers _G IO_out _4_EN IO_oou t_4 IO_out _5_EN IO_out _5 Reserv ed Amux_ 2 Amux_ 1 Amux_ 0 Read bit15 bit14 bit13 bit12 bit11 bit10 bit9 bit8 bit7 bit6 bit5 bit4 bit3 bit2 bit1 bit0 MOSI 00101 11000 00000 0 MISO SPI_G WU CAN_G Reserv ed IO_G Vpre_G Vcore_ G Vothers _G IO_out _4_EN IO_out _4 IO_out _5_EN IO_out _5 Reserv ed Amux_ 2 Amux_ 1 Amux_ 0 |