| Moteur de recherche de fiches techniques de composants électroniques |
|
FS6407 Fiches technique(PDF) 2 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
FS6407 Fiches technique(HTML) 2 Page - NXP Semiconductors |
|
2 / 111 page ![]() 2 NXP Semiconductors FS6407/FS6408 Figure 2. Simplified application diagram - buck configuration, VAUX not used, VCCA = 100 mA VAUX_E VAUX_B VAUX CAN-5V MOSI MISO SCLK NCS RXD TXD CANH CANL SELECT INTB RSTB FS0B DEBUG IO_0 IO_1 IO_2 IO_3 IO_4 IO_5 GND_COM VDDIO CAN BUS VDDIO Vpre DEBUG mode GNDA DGND Vcore or Vcca FB_CORE VCCA_E VCCA_B VCCA VSENSE COMP_CORE VCORE_SNS VSUP3 Input supply VDDIO MUX_OUT Vcca MCU SPI VDD ADC Input AD ref. voltage NMI Reset FCCU 34FS6407 34FS6408 CAN Ignition VDD Vpre Vpre |