Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADS8481 Fiches technique(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
No de pièce ADS8481
Description  18-BIT, 1-MSPS, PSEUDO-DIFFERENTIAL UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS8481 Fiches technique(HTML) 9 Page - Burr-Brown (TI)

Back Button ADS8481 Datasheet HTML 5Page - Burr-Brown (TI) ADS8481 Datasheet HTML 6Page - Burr-Brown (TI) ADS8481 Datasheet HTML 7Page - Burr-Brown (TI) ADS8481 Datasheet HTML 8Page - Burr-Brown (TI) ADS8481 Datasheet HTML 9Page - Burr-Brown (TI) ADS8481 Datasheet HTML 10Page - Burr-Brown (TI) ADS8481 Datasheet HTML 11Page - Burr-Brown (TI) ADS8481 Datasheet HTML 12Page - Burr-Brown (TI) ADS8481 Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
www.ti.com
ADS8481
SLAS385A – FEBRUARY 2006 – REVISED MARCH 2006
PIN ASSIGNMENTS (continued)
TERMINAL FUNCTIONS
NAME
NO RGZ
I/O
DESCRIPTION
8, 9, 17, 20,
AGND
23, 24, 26,
Analog ground
27
BDGND
37
Digital ground for bus interface digital supply
BUSY
48
O
Status output. High when a conversion is in progress.
Bus size select input. Used for selecting 18-bit or 16-bit wide bus transfer.
0: Data bits output on the 18-bit data bus pins DB[17:0].
BUS18/16
2
I
1: Last two data bits D[1:0] from 18-bit wide bus output on:
a) the low byte pins DB[9:2] if BYTE = 0
b) the high byte pins DB[17:10] if BYTE = 1
Byte select input. Used for 8-bit bus reading.
BYTE
3
I
0: No fold back
1: Low byte D[9:2] of the 16 most significant bits is folded back to high byte of the 16 most significant pins DB[17:10].
CONVST
4
I
Convert start. The falling edge of this input ends the acquisition period and starts the hold period.
CS
6
I
Chip select. The falling edge of this input starts the acquisition period.
8-BIT BUS
16-BIT BUS
18-BIT BUS
Data Bus
BYTE = 0
BYTE = 1
BYTE = 1
BYTE = 0
BYTE = 0
BYTE = 0
BUS18/16 = 0
BUS18/16 = 0
BUS18/16 = 1
BUS18/16 = 0
BUS18/16 = 1
BUS18/16 = 0
DB17
28
O
D17 (MSB)
D9
All ones
D17 (MSB)
All ones
D17 (MSB)
DB16
29
O
D16
D8
All ones
D16
All ones
D16
DB15
30
O
D15
D7
All ones
D15
All ones
D15
DB14
31
O
D14
D6
All ones
D14
All ones
D14
DB13
32
O
D13
D5
All ones
D13
All ones
D13
DB12
33
O
D12
D4
All ones
D12
All ones
D12
DB11
34
O
D11
D3
D1
D11
All ones
D11
DB10
35
O
D10
D2
D0 (LSB)
D10
All ones
D10
DB9
38
O
D9
All ones
All ones
D9
All ones
D9
DB8
39
O
D8
All ones
All ones
D8
All ones
D8
DB7
40
O
D7
All ones
All ones
D7
All ones
D7
DB6
41
O
D6
All ones
All ones
D6
All ones
D6
DB5
42
O
D5
All ones
All ones
D5
All ones
D5
DB4
43
O
D4
All ones
All ones
D4
All ones
D4
DB3
44
O
D3
All ones
All ones
D3
D1
D3
DB2
45
O
D2
All ones
All ones
D2
D0 (LSB)
D2
DB1
46
O
D1
All ones
All ones
D1
All ones
D1
DB0
47
O
D0 (LSB)
All ones
All ones
D0 (LSB)
All ones
D0 (LSB)
–IN
19
I
Inverting input channel
+IN
18
I
Noninverting input channel
NC
15
No connection
REFIN
13
I
Reference input
REFOUT
14
O
Reference output. Add 1-
µF capacitor between the REFOUT pin and REFM pin when internal reference is used.
REFM
11, 12
I
Reference ground
Synchronization pulse for the parallel output. When CS is low, this serves as output enable and puts the previous
RD
5
I
conversion results on the bus.
7, 10, 16,
+VA
Analog power supplies, 5-V DC
21, 22, 25
+VBD
1, 36
Digital power supply for bus
9
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com