Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADS8481 Fiches technique(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
No de pièce ADS8481
Description  18-BIT, 1-MSPS, PSEUDO-DIFFERENTIAL UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS8481 Fiches technique(HTML) 3 Page - Burr-Brown (TI)

  ADS8481 Datasheet HTML 1Page - Burr-Brown (TI) ADS8481 Datasheet HTML 2Page - Burr-Brown (TI) ADS8481 Datasheet HTML 3Page - Burr-Brown (TI) ADS8481 Datasheet HTML 4Page - Burr-Brown (TI) ADS8481 Datasheet HTML 5Page - Burr-Brown (TI) ADS8481 Datasheet HTML 6Page - Burr-Brown (TI) ADS8481 Datasheet HTML 7Page - Burr-Brown (TI) ADS8481 Datasheet HTML 8Page - Burr-Brown (TI) ADS8481 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
www.ti.com
SPECIFICATIONS
ADS8481
SLAS385A – FEBRUARY 2006 – REVISED MARCH 2006
T
A = –40°C to 85°C, +VA = 5 V, +VBD = 3 V or 5 V, Vref = 4.096 V, fSAMPLE = 1 MSPS (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUT
Full-scale input voltage(1)
+IN – (–IN)
0
Vref
V
+IN
–0.2
Vref +0.2
Absolute input voltage
V
–IN
–0.2
0.2
Input capacitance
65
pF
Input leakage current
1
nA
SYSTEM PERFORMANCE
Resolution
18
Bits
ADS8481I
18
18
No missing codes
Bits
ADS8481IB
18
ADS8481I
–5 –1.5/+1.9
5
LSB
Integral linearity(2)(3)
(18 bit)
ADS8481IB
–3.5 –1.5/+1.9
3.5
ADS8481I
–1 –0.5/+0.7
2.5
LSB
Differential linearity
(18 bit)
ADS8481IB
–1 –0.5/+0.7
1.5
ADS8481I
–0.5
±0.1
0.5
Offset error(4)
mV
ADS8481IB
–0.5
±0.1
0.5
Offset error temperature drift
±0.2
ppm/°C
ADS8481I
Vref = 4.096 V
–0.075
±0.05
0.075
%FS
Gain error(4)(5)
ADS8481IB
Vref = 4.096 V
–0.075
±0.05
0.075
%FS
Gain error temperature drift
±0.6
ppm/°C
Noise
30
µV RMS
Power supply rejection ratio
At 3FFFFh output code
60
dB
SAMPLING DYNAMICS
Conversion time
650
710
ns
Acquisition time
250
ns
Throughput rate
1
MHz
Aperture delay
4
ns
Aperture jitter
5
ps
Step response
150
ns
Over voltage recovery
150
ns
(1)
Ideal input span, does not include gain or offset error.
(2)
LSB means least significant bit
(3)
This is endpoint INL, not best fit.
(4)
Measured relative to an ideal full-scale input [+IN – (–IN)] of 4.096 V
(5)
This specification does not include the internal reference voltage error and drift.
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com