Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AC01 Fiches technique(PDF) 22 Page - NXP Semiconductors

No de pièce AC01
Description  Cemented wirewound resistors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

AC01 Fiches technique(HTML) 22 Page - NXP Semiconductors

Back Button AC01 Datasheet HTML 16Page - NXP Semiconductors AC01 Datasheet HTML 17Page - NXP Semiconductors AC01 Datasheet HTML 18Page - NXP Semiconductors AC01 Datasheet HTML 19Page - NXP Semiconductors AC01 Datasheet HTML 20Page - NXP Semiconductors AC01 Datasheet HTML 21Page - NXP Semiconductors AC01 Datasheet HTML 22Page - NXP Semiconductors AC01 Datasheet HTML 23Page - NXP Semiconductors AC01 Datasheet HTML 24Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
2000 Oct 20
22
BCcomponents
Product specification
Cemented wirewound resistors
AC01/03/04/05/07/10/15/20
Fig.37 Type with double kink.
Dimensions in mm.
For dimensions see Table 4.
∅0.8 to 1.4.
JW29
∅D
P1 ±0.5
P2 ±3
S
∅B ±0.07
∅d
b1
4.5 +
1
0
b2
h
+ 2
Lmax
(1)
P1 ±0.5
Table 4
Resistor type and relevant physical dimensions; see Fig.37
TYPE
LEAD STYLE
∅D
(mm)
L
MAX.
(mm)
b1
(mm)
b2
(mm)
h
(mm)
P1
(mm)
P2
(mm)
S
MAX.
(mm)
∅B
(mm)
AC03
AC04
AC05
double kink
large pitch
0.8
±0.03
10
1.30
+0.25/-0.20
1.65
+0.25/-0.20
825.4
25.42
1.0
AC03
AC04
AC05
double kink
small pitch
0.8
±0.03
10
1.30
+0.25/-0.20
2.15
+0.25/-0.20
822.0
20.02
1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24