Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AC01 Fiches technique(PDF) 14 Page - NXP Semiconductors

No de pièce AC01
Description  Cemented wirewound resistors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

AC01 Fiches technique(HTML) 14 Page - NXP Semiconductors

Back Button AC01 Datasheet HTML 10Page - NXP Semiconductors AC01 Datasheet HTML 11Page - NXP Semiconductors AC01 Datasheet HTML 12Page - NXP Semiconductors AC01 Datasheet HTML 13Page - NXP Semiconductors AC01 Datasheet HTML 14Page - NXP Semiconductors AC01 Datasheet HTML 15Page - NXP Semiconductors AC01 Datasheet HTML 16Page - NXP Semiconductors AC01 Datasheet HTML 17Page - NXP Semiconductors AC01 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
2000 Oct 20
14
BCcomponents
Product specification
Cemented wirewound resistors
AC01/03/04/05/07/10/15/20
Fig.18 Pulse capability; Ws as a function of Rn.
AC10
103
105
104
102
10
1
10−1
CCB386
103
102
10−4
10−1
10−2
10−3
10
1
Rn (Ω)
pulse
energy
(Ws/
Ω)
Fig.19 Pulse on a regular basis; maximum permissible peak pulse voltage
as
a function of pulse duration (ti).
V
ˆ
max
()
AC10
5000
4000
3000
0
1000
10−6
10−5
10−4
10−3
10−2
10−1
1
CCB387
2000
ti (s)
Vmax
(V)
ˆ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24