| Moteur de recherche de fiches techniques de composants électroniques |
|
SPC584NX Fiches technique(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC584NX Fiches technique(HTML) 21 Page - STMicroelectronics |
|
21 / 158 page ![]() DS11734 Rev 6 21/158 SPC584Nx, SPC58ENx, SPC58NNx Electrical characteristics 21 During power-up, all functional terminals are maintained in a known state as described in the device pinout Microsoft Excel file attached to the IO_Definition document. Table 7. Device supply relation during power-up/power-down sequence Supply2 VDD_ LV VDD_HV_IO _FLEX VDD_HV_IO _JTAG VDD_HV_IO_ MAIN VDD_HV_FLA VDD_HV_ ADV VDD_HV _ADR VDD_LV_BD VDD_HV_BD VDD_LV(1) ok ok ok ok ok ok ok VDD_HV_IO_F LEX ok ok not allowed ok ok ok ok VDD_HV_IO_J TAG ok ok not allowed ok ok ok ok VDD_HV_IO_ MAIN VDD_HV_FLA ok ok ok ok ok ok ok VDD_HV_ADV ok ok ok not allowed ok ok ok VDD_HV_ADR ok ok ok not allowed not allowed ok ok VDD_LV_BD ok ok ok ok ok ok ok VDD_HV_BD ok ok ok ok ok ok ok 1. VDD_LV can be higher than VDD_HV supplies only during power-up/down transient ramps, in case of external LV regulator and if VDD_HV supply voltage level is lower than VDD_LV allowed max operating condition. |