Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPC584NX Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce SPC584NX
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584NX Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button SPC584NX Datasheet HTML 9Page - STMicroelectronics SPC584NX Datasheet HTML 10Page - STMicroelectronics SPC584NX Datasheet HTML 11Page - STMicroelectronics SPC584NX Datasheet HTML 12Page - STMicroelectronics SPC584NX Datasheet HTML 13Page - STMicroelectronics SPC584NX Datasheet HTML 14Page - STMicroelectronics SPC584NX Datasheet HTML 15Page - STMicroelectronics SPC584NX Datasheet HTML 16Page - STMicroelectronics SPC584NX Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 158 page
background image
DS11734 Rev 6
13/158
SPC584Nx, SPC58ENx, SPC58NNx
Package pinouts and signal descriptions
13
2
Package pinouts and signal descriptions
Refer to the SPC58xNx IO_ Definition document.
It includes the following sections:
1.
Package pinouts
2.
Pin descriptions
a)
Power supply and reference voltage pins
b)
System pins
c)
LVDS pins
d)
Generic pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More