Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ERTEC Fiches technique(PDF) 15 Page - Renesas Technology Corp

No de pièce ERTEC
Description  Enhanced Real-Time Ethernet Controller with 32-bit RISC CPU Core
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ERTEC Fiches technique(HTML) 15 Page - Renesas Technology Corp

Back Button ERTEC Datasheet HTML 11Page - Renesas Technology Corp ERTEC Datasheet HTML 12Page - Renesas Technology Corp ERTEC Datasheet HTML 13Page - Renesas Technology Corp ERTEC Datasheet HTML 14Page - Renesas Technology Corp ERTEC Datasheet HTML 15Page - Renesas Technology Corp ERTEC Datasheet HTML 16Page - Renesas Technology Corp ERTEC Datasheet HTML 17Page - Renesas Technology Corp ERTEC Datasheet HTML 18Page - Renesas Technology Corp ERTEC Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 51 page
background image
15
Data Sheet A17989EE2V0DS00
µPD800261
LBU_RDY_N
O
LBU ready signal
GPIO42
LBU_CS_M_N
I
LBU chip select for ERTEC 200 internal resources GPIO40
LBU_CS_R_N
I
LBU chip select for page configuration registers
GPIO39
Note: Local bus interface pins are alternatively used as MII diagnosis, trace or GPIO pins; in this table the I/O
type is listed for the local bus function.
Table 1-2:
Local Bus Interface Pin Functions (2/2)
Pin Name
I/ONote
Function
Alternate FunctionNote



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51