Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STEVAL-2STPD01 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce STEVAL-2STPD01
Description  USB Type-C™ protection for source application
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-2STPD01 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button STEVAL-2STPD01 Datasheet HTML 17Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 18Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 19Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 20Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 21Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 22Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 23Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 24Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
Figure 13. Tape and reel outline
User direction of unreeling
All dimensions are typical values in mm
4.0
8.0
A0
2.0
0.25
Ø 1.5
K0
0.30
Ø 1.5
Ø 1.5
Table 19. Tape and reel mechanical data
Ref.
Dimensions
Millimeters
Min.
Typ.
Max.
A0
3.76
3.81
3.86
B0
3.76
3.81
3.86
K0
0.71
0.76
0.81
Figure 14. Package orientation in reel
Figure 15. Tape and reel orientation
TCPP02-M18
QFN18L 3.5x3.5 mm package information
DS13787 - Rev 4
page 21/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27