Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STEVAL-2STPD01 Fiches technique(PDF) 18 Page - STMicroelectronics

No de pièce STEVAL-2STPD01
Description  USB Type-C™ protection for source application
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-2STPD01 Fiches technique(HTML) 18 Page - STMicroelectronics

Back Button STEVAL-2STPD01 Datasheet HTML 14Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 15Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 16Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 17Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 18Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 19Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 20Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 21Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
9
USB Type-C™ port protection (TCPP) comparison table
Table 17. Device comparison table
Part number
Expansion board
SW expansion board
USB Type-C™ application
Package
TCPP01-M12
X-NUCLEO-SNK1M1
X-CUBE-TCPP
Sink, UFP, consumer
QFN-12L
TCPP02-M18
X-NUCLEO-SRC1M1
Source, DFP, provider
QFN-18L
TCPP03-M20
X-NUCLEO-DRP1M1
DRP, dual role power
DRD, dual role data
Sink requiring current sense and OCP
QFN-20L
TCPP02-M18
USB Type-C™ port protection (TCPP) comparison table
DS13787 - Rev 4
page 18/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27