Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STWBC86JR Fiches technique(PDF) 39 Page - STMicroelectronics

No de pièce STWBC86JR
Description  Qi compatible wireless power transmitter for 5W applications with integrated full bridge
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC86JR Fiches technique(HTML) 39 Page - STMicroelectronics

Back Button STWBC86JR Datasheet HTML 32Page - STMicroelectronics STWBC86JR Datasheet HTML 33Page - STMicroelectronics STWBC86JR Datasheet HTML 34Page - STMicroelectronics STWBC86JR Datasheet HTML 35Page - STMicroelectronics STWBC86JR Datasheet HTML 36Page - STMicroelectronics STWBC86JR Datasheet HTML 37Page - STMicroelectronics STWBC86JR Datasheet HTML 38Page - STMicroelectronics STWBC86JR Datasheet HTML 39Page - STMicroelectronics STWBC86JR Datasheet HTML 40Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
List of figures
Figure 1.
Simplified block diagram ............................................................. 3
Figure 2.
Pin assignment (through top view) ...................................................... 4
Figure 3.
Wireless charging system ............................................................ 9
Figure 4.
Full bridge inverter ................................................................ 10
Figure 5.
ASK demodulation filter circuit ........................................................ 10
Figure 6.
Start and Stop Condition on the I2C Bus ................................................. 12
Figure 7.
Writing to single register byte ......................................................... 13
Figure 8.
Writing multiple register bytes ......................................................... 13
Figure 9.
Reading single register byte .......................................................... 13
Figure 10.
Reading multiple bytes ............................................................. 14
Figure 11.
STWBC86 basic application diagram ................................................... 28
Figure 12.
WLCSP72 3.264x3.674x0.6 0.4 Pitch 0.25 Ball package outline ................................. 33
Figure 13.
Recommended footprint............................................................. 34
Figure 14.
Tape and Reel information ........................................................... 34
STWBC86
List of figures
DS14079 - Rev 1
page 39/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40