Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STWBC86JR Fiches technique(PDF) 31 Page - STMicroelectronics

No de pièce STWBC86JR
Description  Qi compatible wireless power transmitter for 5W applications with integrated full bridge
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC86JR Fiches technique(HTML) 31 Page - STMicroelectronics

Back Button STWBC86JR Datasheet HTML 27Page - STMicroelectronics STWBC86JR Datasheet HTML 28Page - STMicroelectronics STWBC86JR Datasheet HTML 29Page - STMicroelectronics STWBC86JR Datasheet HTML 30Page - STMicroelectronics STWBC86JR Datasheet HTML 31Page - STMicroelectronics STWBC86JR Datasheet HTML 32Page - STMicroelectronics STWBC86JR Datasheet HTML 33Page - STMicroelectronics STWBC86JR Datasheet HTML 34Page - STMicroelectronics STWBC86JR Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
ESD protection diodes
Since the transmitting coil is a easy entry point for ESD (relatively large area with remarkable capacitive
coupling),a good application design should consider protections for the most exposed pins: AC1 and AC2.
Uni-directional Transient Voltage Suppression (TVS) diodes at both pins are recommended.
ESDs have essentially a common mode nature and, although the receiving coil has low DC-resistance, its AC
impedance may appear quite high to fast voltage spikes: independent clamping at AC1 and AC2 pins is thus
mandatory.
The knee-voltage of the TVS diodes should be selected considering the maximum VINV voltage plus some
margin to avoid non-negligible leakage current at higher temperature, while their energy dissipation capability
should be maximized considering the size of the package.
STWBC86
External components selection
DS14079 - Rev 1
page 31/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40