| Moteur de recherche de fiches techniques de composants électroniques |
|
DFE252012F-R47M Fiches technique(PDF) 108 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
DFE252012F-R47M Fiches technique(HTML) 108 Page - Analog Devices |
|
108 / 122 page ![]() ADC_DATA_CH3 (0x87) BIT 7 6 5 4 3 2 1 0 Field ADC_DATA3[7:0] Reset 0x0 Access Type Read Only BITFIELD BITS TYPE DESCRIPTION DECODE ADC_DATA 3 7:0 O ADC Channel3 (IOUT3) Data Readback 0x0–0xFF = (-6.69 + 0.0625 x ADC_DATA3)A. ADC_DATA_CH4 (0x88) BIT 7 6 5 4 3 2 1 0 Field ADC_DATA4[7:0] Reset 0x0 Access Type Read Only BITFIELD BITS TYPE DESCRIPTION DECODE ADC_DATA 4 7:0 O ADC Channel4 (IOUT4) Data Readback 0x0–0xFF = (-6.69 + 0.0625 x ADC_DATA4)A. ADC_DATA_CH5 (0x89) BIT 7 6 5 4 3 2 1 0 Field ADC_DATA5[7:0] Reset 0x0 Access Type Read Only BITFIELD BITS TYPE DESCRIPTION DECODE ADC_DATA 5 7:0 O ADC Channel5 (VOUT1) Data Readback When M1_RNG = 0x0, 0x0–0xFF = (0.00625 x ADC_DATA5)V. When M1_RNG = 0x1, 0x0–0xFF = (0.0125 x ADC_DATA5)V. When M1_RNG = 0x2, 0x0–0xFF = (0.025 x ADC_DATA5)V. ADC_DATA_CH6 (0x8A) BIT 7 6 5 4 3 2 1 0 Field ADC_DATA6[7:0] Reset 0x0 Access Type Read Only MAX77542 16VIN/16A, Quad-Phase High-Efficiency Buck Converter www.analog.com Analog Devices | 108 |