| Moteur de recherche de fiches techniques de composants électroniques |
|
DFE252012F-R47M Fiches technique(PDF) 62 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
DFE252012F-R47M Fiches technique(HTML) 62 Page - Analog Devices |
|
62 / 122 page ![]() ADDRESS NAME MSB LSB 0x56 M4_VOUT_M[7:0] M4_VOUT_M[4:0] RESERV ED M4_RNG[1:0] 0x57 M4_CFG1[7:0] RESERVED[1:0] M4_RD_SR[2:0] M4_RU_SR[2:0] 0x58 M4_CFG2[7:0] RESERVED[1:0] M4_SSTOP_SR[2:0] M4_SSTRT_SR[2:0] 0x59 M4_CFG3[7:0] M4_BBRK[1:0] M4_ADI S100 M4_ADI S1 M4_FTR AK M4_REF RESH M4_FSR EN M4_FPW M 0x5A M4_CFG4[7:0] M4_SS_ENV[1:0] M4_SS_FREQ[1:0] M4_SSM_PAT[1:0] M4_FREQ[1:0] 0x5B M4_CFG5[7:0] RESERVED[2:0] RESERV ED RESERVED[1:0] M4_ILIM[1:0] MFIO_CONFIGURATION 0x60 MFIO_INT[7:0] MFIO8_I MFIO7_I MFIO6_I MFIO5_I MFIO4_I MFIO3_I MFIO2_I MFIO1_I 0x61 MFIO_MSK[7:0] MFIO8_ M MFIO7_ M MFIO6_ M MFIO5_ M MFIO4_ M MFIO3_ M MFIO2_ M MFIO1_ M 0x62 MFIO_STAT[7:0] MFIO8 MFIO7 MFIO6 MFIO5 MFIO4 MFIO3 MFIO2 MFIO1 0x63 MFIO1_CFG1[7:0] RESERV ED MFIO1_SEL[2:0] MFIO1_FUNC[3:0] 0x64 MFIO1_CFG2[7:0] RESERVED[1:0] MFIO1_ DRV_M ODE MFIO1_PDPU[1:0] MFIO1_DEB[2:0] 0x65 MFIO2_CFG1[7:0] RESERV ED MFIO2_SEL[2:0] MFIO2_FUNC[3:0] 0x66 MFIO2_CFG2[7:0] RESERVED[1:0] MFIO2_ DRV_M ODE MFIO2_PDPU[1:0] MFIO2_DEB[2:0] 0x67 MFIO3_CFG1[7:0] RESERV ED MFIO3_SEL[2:0] MFIO3_FUNC[3:0] 0x68 MFIO3_CFG2[7:0] RESERVED[1:0] MFIO3_ DRV_M ODE MFIO3_PDPU[1:0] MFIO3_DEB[2:0] 0x69 MFIO4_CFG1[7:0] RESERV ED MFIO4_SEL[2:0] MFIO4_FUNC[3:0] 0x6A MFIO4_CFG2[7:0] RESERVED[1:0] MFIO4_ DRV_M ODE MFIO4_PDPU[1:0] MFIO4_DEB[2:0] 0x6B MFIO5_CFG1[7:0] RESERV ED MFIO5_SEL[2:0] MFIO5_FUNC[3:0] 0x6C MFIO5_CFG2[7:0] RESERVED[1:0] MFIO5_ DRV_M ODE MFIO5_PDPU[1:0] MFIO5_DEB[2:0] 0x6D MFIO6_CFG1[7:0] RESERV ED MFIO6_SEL[2:0] MFIO6_FUNC[3:0] 0x6E MFIO6_CFG2[7:0] RESERVED[1:0] MFIO6_ DRV_M ODE MFIO6_PDPU[1:0] MFIO6_DEB[2:0] 0x6F MFIO7_CFG1[7:0] RESERV ED MFIO7_SEL[2:0] MFIO7_FUNC[3:0] 0x70 MFIO7_CFG2[7:0] RESERVED[1:0] MFIO7_ DRV_M ODE MFIO7_PDPU[1:0] MFIO7_DEB[2:0] MAX77542 16VIN/16A, Quad-Phase High-Efficiency Buck Converter www.analog.com Analog Devices | 62 |