Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DFE252012F-R47M Fiches technique(PDF) 67 Page - Analog Devices

No de pièce DFE252012F-R47M
Description  16VIN/16A, Quad-Phase High-Efficiency Buck Converter
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

DFE252012F-R47M Fiches technique(HTML) 67 Page - Analog Devices

Back Button DFE252012F-R47M Datasheet HTML 63Page - Analog Devices DFE252012F-R47M Datasheet HTML 64Page - Analog Devices DFE252012F-R47M Datasheet HTML 65Page - Analog Devices DFE252012F-R47M Datasheet HTML 66Page - Analog Devices DFE252012F-R47M Datasheet HTML 67Page - Analog Devices DFE252012F-R47M Datasheet HTML 68Page - Analog Devices DFE252012F-R47M Datasheet HTML 69Page - Analog Devices DFE252012F-R47M Datasheet HTML 70Page - Analog Devices DFE252012F-R47M Datasheet HTML 71Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 122 page
background image
BITFIELD
BITS
TYPE
DESCRIPTION
CFG2_LATCH
4:0
O
CFG2 Latched Code
DEVICE_CFG3 (0x08)
BIT
7
6
5
4
3
2
1
0
Field
RESERVED[2:0]
SEL1_LATCH[4:0]
Reset
0x0
0x0
Access
Type
Read Only
Read Only
BITFIELD
BITS
TYPE
DESCRIPTION
RESERVED
7:5
O
Reserved. Returns 0.
SEL1_LATCH
4:0
O
SEL1 Latched Code
DEVICE_CFG4 (0x09)
BIT
7
6
5
4
3
2
1
0
Field
RESERVED[2:0]
SEL2_LATCH[4:0]
Reset
0x0
0x0
Access
Type
Read Only
Read Only
BITFIELD
BITS
TYPE
DESCRIPTION
RESERVED
7:5
O
Reserved. Returns 0.
SEL2_LATCH
4:0
O
SEL2 Latched Code
DEVICE_CFG5 (0x0A)
BIT
7
6
5
4
3
2
1
0
Field
RESERVED[2:0]
SEL3_LATCH[4:0]
Reset
0x0
0x0
Access
Type
Read Only
Read Only
BITFIELD
BITS
TYPE
DESCRIPTION
RESERVED
7:5
O
Reserved. Returns 0.
SEL3_LATCH
4:0
O
SEL3 Latched Code
DEVICE_CFG6 (0x0B)
BIT
7
6
5
4
3
2
1
0
Field
RESERVED[2:0]
SEL4_LATCH[4:0]
Reset
0x0
0x0
Access
Type
Read Only
Read Only
BITFIELD
BITS
TYPE
DESCRIPTION
RESERVED
7:5
O
Reserved. Returns 0.
SEL4_LATCH
4:0
O
SEL4 Latched Code
MAX77542
16VIN/16A, Quad-Phase High-Efficiency Buck
Converter
www.analog.com
Analog Devices | 67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More