Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ILPS28QSW Fiches technique(PDF) 15 Page - STMicroelectronics

No de pièce ILPS28QSW
Description  Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with Qvar detection in a water-resistant package
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ILPS28QSW Fiches technique(HTML) 15 Page - STMicroelectronics

Back Button ILPS28QSW Datasheet HTML 11Page - STMicroelectronics ILPS28QSW Datasheet HTML 12Page - STMicroelectronics ILPS28QSW Datasheet HTML 13Page - STMicroelectronics ILPS28QSW Datasheet HTML 14Page - STMicroelectronics ILPS28QSW Datasheet HTML 15Page - STMicroelectronics ILPS28QSW Datasheet HTML 16Page - STMicroelectronics ILPS28QSW Datasheet HTML 17Page - STMicroelectronics ILPS28QSW Datasheet HTML 18Page - STMicroelectronics ILPS28QSW Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 52 page
background image
6.1
Bypass mode
In bypass mode (FIFO_CTRL (14h)(TRIG_MODES and F_MODE[1:0] = 000 or 100), the FIFO is not operational
and it remains empty.
Switching to bypass mode is also used to reset the FIFO. Passing through bypass mode is mandatory when
switching between different FIFO buffer operating modes.
As described in the next figure, for each channel only the first address is used. When new data is available, the
older data is overwritten.
Figure 8. Bypass mode
P1
P2
Pi
empty
P0
P127
ILPS28QSW
Bypass mode
DS13905 - Rev 1
page 15/52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52