Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ILPS28QSW Fiches technique(PDF) 51 Page - STMicroelectronics

No de pièce ILPS28QSW
Description  Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with Qvar detection in a water-resistant package
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ILPS28QSW Fiches technique(HTML) 51 Page - STMicroelectronics

Back Button ILPS28QSW Datasheet HTML 44Page - STMicroelectronics ILPS28QSW Datasheet HTML 45Page - STMicroelectronics ILPS28QSW Datasheet HTML 46Page - STMicroelectronics ILPS28QSW Datasheet HTML 47Page - STMicroelectronics ILPS28QSW Datasheet HTML 48Page - STMicroelectronics ILPS28QSW Datasheet HTML 49Page - STMicroelectronics ILPS28QSW Datasheet HTML 50Page - STMicroelectronics ILPS28QSW Datasheet HTML 51Page - STMicroelectronics ILPS28QSW Datasheet HTML 52Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 51 / 52 page
background image
List of figures
Figure 1.
Device architecture block diagram....................................................... 3
Figure 2.
Digital logic ...................................................................... 3
Figure 3.
Pin connections (bottom view) ......................................................... 4
Figure 4.
I²C slave timing diagram ............................................................. 9
Figure 5.
ILPS28QSW internal structure ........................................................ 12
Figure 6.
Pressure readings................................................................. 13
Figure 7.
Temperature readings .............................................................. 13
Figure 8.
Bypass mode .................................................................... 15
Figure 9.
FIFO mode ..................................................................... 16
Figure 10.
Continuous (dynamic-stream) mode .................................................... 17
Figure 11.
Bypass-to-FIFO mode .............................................................. 18
Figure 12.
Bypass-to-continuous (dynamic-stream) mode ............................................. 19
Figure 13.
Continuous (dynamic-stream)-to-FIFO mode .............................................. 20
Figure 14.
ILPS28QSW electrical connections ..................................................... 21
Figure 15.
AH (analog hub) / Qvar external connections to pin 2, pin 4 .................................... 21
Figure 16.
ILPS28QSW power-off sequence ...................................................... 22
Figure 17.
“Threshold-based” interrupt event ...................................................... 30
Figure 18.
One-point calibration ............................................................... 39
Figure 19.
CCLGA-7L (2.8 x 2.8 x 1.95 mm typ.) package outline and mechanical dimensions .................... 44
Figure 20.
Carrier tape information for CCLGA-7L package ............................................ 45
Figure 21.
CCLGA-7L package orientation in carrier tape ............................................. 45
Figure 22.
Reel information for carrier tape of CCLGA-7L package ....................................... 46
ILPS28QSW
List of figures
DS13905 - Rev 1
page 51/52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52