Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ASM330LHBTR Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce ASM330LHBTR
Description  High-accuracy automotive 6-axis inertial module for car electronic control units
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LHBTR Fiches technique(HTML) 2 Page - STMicroelectronics

  ASM330LHBTR Datasheet HTML 1Page - STMicroelectronics ASM330LHBTR Datasheet HTML 2Page - STMicroelectronics ASM330LHBTR Datasheet HTML 3Page - STMicroelectronics ASM330LHBTR Datasheet HTML 4Page - STMicroelectronics ASM330LHBTR Datasheet HTML 5Page - STMicroelectronics ASM330LHBTR Datasheet HTML 6Page - STMicroelectronics ASM330LHBTR Datasheet HTML 7Page - STMicroelectronics ASM330LHBTR Datasheet HTML 8Page - STMicroelectronics ASM330LHBTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 131 page
background image
The ASM330LHB has a full-scale acceleration range of ±2/±4/±8/±16 g and a wide angular rate range of
±125/±250/±500/±1000/±2000/±4000 dps that enable its usage in a broad range of automotive applications.
The device supports dual operating modes: high-performance mode and low-power mode.
All the design aspects of the ASM330LHB have been optimized to reach superior output stability, extremely low
noise, and full data synchronization to the benefit of sensor-assisted applications like dead reckoning and sensor
fusion.
The ASM330LHB is available in a 14-lead plastic land grid array (LGA) package.
ASM330LHB
DS13773 - Rev 7
page 2/131



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More