| Moteur de recherche de fiches techniques de composants électroniques |
|
ASM330LHBTR Fiches technique(PDF) 82 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ASM330LHBTR Fiches technique(HTML) 82 Page - STMicroelectronics |
|
82 / 131 page ![]() 11.8 MLC_INT1 (0Dh) INT1 pin control register (R/W) Each bit in this register enables a signal to be carried over INT1. The pin's output supplies the OR combination of the selected signals. Table 163. MLC_INT1 register INT1_MLC8 INT1_MLC7 INT1_MLC6 INT1_MLC5 INT1_MLC4 INT1_MLC3 INT1_MLC2 INT1_MLC1 Table 164. MLC_INT1 register description INT1_MLC8 Routing MLC8 interrupt event to INT1. Default value: 0 (0: routing to INT1 disabled; 1: routing to INT1 enabled) INT1_MLC7 Routing MLC7 interrupt event to INT1. Default value: 0 (0: routing to INT1 disabled; 1: routing to INT1 enabled) INT1_MLC6 Routing MLC6 interrupt event to INT1. Default value: 0 (0: routing to INT1 disabled; 1: routing to INT1 enabled) INT1_MLC5 Routing MLC5 interrupt event to INT1. Default value: 0 (0: routing to INT1 disabled; 1: routing to INT1 enabled) INT1_MLC4 Routing MLC4 interrupt event to INT1. Default value: 0 (0: routing to INT1 disabled; 1: routing to INT1 enabled) INT1_MLC3 Routing MLC3 interrupt event to INT1. Default value: 0 (0: routing to INT1 disabled; 1: routing to INT1 enabled) INT1_MLC2 Routing MLC2 interrupt event to INT1. Default value: 0 (0: routing to INT1 disabled; 1: routing to INT1 enabled) INT1_MLC1 Routing MLC1 interrupt event to INT1. Default value: 0 (0: routing to INT1 disabled; 1: routing to INT1 enabled) ASM330LHB MLC_INT1 (0Dh) DS13773 - Rev 7 page 82/131 |