Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SL2ICS5301EW/V7 Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce SL2ICS5301EW/V7
Description  I•CODE SLI-S/I•CODE SLI-S HC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2ICS5301EW/V7 Fiches technique(HTML) 5 Page - NXP Semiconductors

  SL2ICS5301EW/V7 Datasheet HTML 1Page - NXP Semiconductors SL2ICS5301EW/V7 Datasheet HTML 2Page - NXP Semiconductors SL2ICS5301EW/V7 Datasheet HTML 3Page - NXP Semiconductors SL2ICS5301EW/V7 Datasheet HTML 4Page - NXP Semiconductors SL2ICS5301EW/V7 Datasheet HTML 5Page - NXP Semiconductors SL2ICS5301EW/V7 Datasheet HTML 6Page - NXP Semiconductors SL2ICS5301EW/V7 Datasheet HTML 7Page - NXP Semiconductors SL2ICS5301EW/V7 Datasheet HTML 8Page - NXP Semiconductors SL2ICS5301EW/V7 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
113730
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.0 — 14 March 2007
5 of 33
NXP Semiconductors
SL2 ICS53/SL2 ICS54
I•CODE SLI-S/I•CODE SLI-S HC
PUBLIC
6. Block diagram
The SL2 ICS53/SL2 ICS54 IC consists of three major blocks:
Analog RF Interface
Digital Controller
EEPROM
The analog part provides stable supply voltage and demodulates data received from the
reader for being processed by the digital part. Further, the modulation transistor of the
analog part transmits data back to the reader.
The digital section includes the state machines, processes the protocol and handles
communication with the EEPROM.
Fig 1. Block diagram of label IC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33