Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SL2ICS5301EW/V7 Fiches technique(PDF) 14 Page - NXP Semiconductors

No de pièce SL2ICS5301EW/V7
Description  I•CODE SLI-S/I•CODE SLI-S HC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2ICS5301EW/V7 Fiches technique(HTML) 14 Page - NXP Semiconductors

Back Button SL2ICS5301EW/V7 Datasheet HTML 10Page - NXP Semiconductors SL2ICS5301EW/V7 Datasheet HTML 11Page - NXP Semiconductors SL2ICS5301EW/V7 Datasheet HTML 12Page - NXP Semiconductors SL2ICS5301EW/V7 Datasheet HTML 13Page - NXP Semiconductors SL2ICS5301EW/V7 Datasheet HTML 14Page - NXP Semiconductors SL2ICS5301EW/V7 Datasheet HTML 15Page - NXP Semiconductors SL2ICS5301EW/V7 Datasheet HTML 16Page - NXP Semiconductors SL2ICS5301EW/V7 Datasheet HTML 17Page - NXP Semiconductors SL2ICS5301EW/V7 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
113730
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.0 — 14 March 2007
14 of 33
NXP Semiconductors
SL2 ICS53/SL2 ICS54
I•CODE SLI-S/I•CODE SLI-S HC
PUBLIC
8.1.3.5 64 bit password protection
Command Code = BBh
With the 64-bit Password Protection command the Label IC can be instructed that both of
the Read and Write passwords are required to get access to password protected blocks
(pages). This mode can be enabled if the Read and Write passwords have already been
transmitted with a Set Password command before.
If the 64-bit password protection is enabled both passwords are required for read & write
access to protected blocks (pages).
Table 20.
Request format
SOF
Flags
64 bit PWD
Parameter
IC Mfg code UID
CRC16
EOF
8 bits
8 bits
8 bits
64 bits
16 bits
8 bits
Table 21.
Response format when Error_flag is set
SOF
Flags
Error code
CRC16
EOF
8 bits
8 bits
16 bits
Table 22.
Response format when Error_flag is NOT set
SOF
Flags
CRC16
EOF
8 bits
16 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33