Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32G0C1VCT7 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce STM32G0C1VCT7
Description  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM,6x USART, timers, ADC, DAC, comm. I/Fs, AES, RNG, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0C1VCT7 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button STM32G0C1VCT7 Datasheet HTML 9Page - STMicroelectronics STM32G0C1VCT7 Datasheet HTML 10Page - STMicroelectronics STM32G0C1VCT7 Datasheet HTML 11Page - STMicroelectronics STM32G0C1VCT7 Datasheet HTML 12Page - STMicroelectronics STM32G0C1VCT7 Datasheet HTML 13Page - STMicroelectronics STM32G0C1VCT7 Datasheet HTML 14Page - STMicroelectronics STM32G0C1VCT7 Datasheet HTML 15Page - STMicroelectronics STM32G0C1VCT7 Datasheet HTML 16Page - STMicroelectronics STM32G0C1VCT7 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 159 page
background image
DS13564 Rev 4
13/159
STM32G0C1xC/xE
Description
36
Figure 1. Block diagram
MSv63192V2
FDCAN1 & 2
I2C2
SPI1/I2S
LPUART& & 2
UCPD
AES
RNG
USART3/4
LPTIMER 1/2
TIMER 16/17
Power domain of analog blocks :
VBAT
4 channels
BKIN, BKIN2, ETR
System and
peripheral
clocks
MOSI/SD
MISO/MCK
SCK/CK
NSS/WS
SWCLK
SWDIO
16x IN
OSC_IN
OSC_OUT
VBAT
OSC32_IN
OSC32_OUT
RTC_OUT
RTC_REFIN
RTC_TS
MOSI, MISO
SCK, NSS
VDD
IR_OUT
1 channel
BKIN
ETR, IN, OUT
1 channel
4 channels
ETR
4 channels
ETR
CPU
CORTEX-M0+
fmax = 64 MHz
SWD
NVIC
EXTI
SPI/I2S 1 & 2
SPI3
AHB-to-APB
RCC
Reset & clock control
I/F
XTAL OSC
4-48 MHz
IWDG
I/F
ADC
RTC, TAMP
Backup regs
I/F
XTAL32 kHz
VDD
2 channels
BKIN
RX, TX
CTS, RTS
CEC
TIM6
TIM7
COMP1
COMP2
IN+, IN-,
OUT
VDDA
SUPPLY
SUPERVISION
POWER
VCORE
POR
Reset
Int
VDD/VDDA
VSS/VSSA
NRST
PVD
POR/BOR
Voltage
regulator
USART1 to 6
LPTIM1 & 2
TIM16 & 17
TIM15
TIM14
TIM3 & 4
TIM2 (32-bit)
TIM1
GPIOs
IOPORT
HSE
LSE
LSE
T sensor
RX, TX,
CTS, RTS
LPUART1 & 2
TAMP_IN
CC, DBCC
FRSTX
UCPD1 & 2
HDMI-CEC
VREFBUF
DAC
I/F
DAC_OUT1
DAC_OUT2
CRC
VREF+
SCL, SDA
SCL, SDA
SMBA, SMBUS
I2C1 & 2
I2C3
DBGMCU
WWDG
PWRCTRL
SYSCFG
VDDA
VDDIO1
Low-voltage
detector
VDD
VDDIO1/VDDIO2
IRTIM
from peripherals
PFx
Port F
Port D
PDx
PCx
Port C
PBx
Port B
PAx
Port A
Port E
PEx
NOE, DM,
DP
USB FS
RX, TX
FDCAN1 & 2
VDDIO2
VDDIO2
COMP3
Parity
HSI16
LSI
PLLPCLK
RC 16 MHz
RC 32 kHz
PLL
I/F
PLLQCLK
PLLRCLK
DMA
DMAMUX
Flash memory
up to 512 KB
SRAM
144 KB
RC 48 MHz
HSI48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com